Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3220EB Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP3220EB
Description  High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220EB Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP3220EB Datasheet HTML 5Page - Sipex Corporation SP3220EB Datasheet HTML 6Page - Sipex Corporation SP3220EB Datasheet HTML 7Page - Sipex Corporation SP3220EB Datasheet HTML 8Page - Sipex Corporation SP3220EB Datasheet HTML 9Page - Sipex Corporation SP3220EB Datasheet HTML 10Page - Sipex Corporation SP3220EB Datasheet HTML 11Page - Sipex Corporation SP3220EB Datasheet HTML 12Page - Sipex Corporation SP3220EB Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
Rev: A Date:12/11/03
SP3220EB/EU +3.0 to +5.0V RS-232 Transceivers
© Copyright 2002 Sipex Corporation
DESCRIPTION
The SP3220EB/EU device meets the EIA/TIA-
232 and V.28/V.24 communication protocols
and can be implemented in battery-powered,
portable, or hand-held applications such as
notebook or palmtop computers. The SP3220EB/
EU
device features Sipex's proprietary on-
board charge pump circuitry that generates 2 x
V
CC for RS-232 voltage levels from a single
+3.0V to +5.5V power supply. This series is
ideal for +3.3V-only systems, mixed +3.0V to
+5.5V systems, or +5.0V-only systems that re-
quire true RS-232 performance. The SP3220EB
device has a driver that can operate at a data rate
of 250Kbps fully loaded. The SP3220EU can
Operate at 1000Kbps
The SP3220EB/EU is a 1-driver/1-receiver de-
vice ideal for portable or hand-held applications.
The SP3220EB/EU features a 1
µA shutdown
mode that reduces power consumption and ex-
tends battery life in portable systems. Its receiv-
ers remain active in shutdown mode, allowing
external devices such as modems to be
monitored using only 1
µA supply current.
THEORY OF OPERATION
The SP3220EB/EU device is made up of three
basic circuit blocks: 1. Drivers, 2. Receivers,
and 3. the Sipex proprietary charge pump.
Drivers
The drivers are inverting level transmitters that
convert TTL or CMOS logic levels to +5.0V
EIA/TIA-232 levels inverted relative to the
input logic levels. Typically, the RS-232 output
voltage swing is +5.5V with no load and at least
+5V minimum fully loaded. The driver outputs
are protected against infinite short-circuits to
ground without degradation in reliability. Driver
outputs will meet EIA/TIA-562 levels of +3.7V
with supply voltages as low as 2.7V.
The SP3220EB drivers typically can operate at
a data rate of 250Kbps fully loaded with 3K
Ω in
parallel with 1000pF, ensuring compatibility
with PC-to-PC communication software.
The SP3220EU drivers can guarantee a data rate
of 1000Kbps fully loaded with 3 in parallel
with 250pF.
The slew rate of the SP3220EB output is inter-
nally limited to a maximum of 30V/
µs in order to
meet the EIA standards (EIA RS-232D 2.1.7,
Paragraph 5). The transition of the loaded output
from HIGH to LOW also meets the monotonicity
requirements of the standard.
Figure 12 shows a loopback circuit used to test
the RS-232 driver. Figure 13 shows the test
results of the loopback circuit with the SP3220EB
driver active at 250Kbps with an RS-232 load in
parallel with a 1000pF capacitor. Figure 14
shows the test results where the SP3220EU
driver was active at 1000Kbps and loaded with
an RS-232 receiver in parallel with a 250pF
capacitor. A solid RS-232 data transmission rate
of 250Kbps provides compatibility with many
designs in personal computer peripherals and
LAN applications.
The SP3220EB/EU driver's output stage is turned
off (high-Z) when the device is in shutdown
mode. When the power is off, the SP3220EB/
EU device permits the outputs to be driven up to
+12V. The driver's input does not have pull-up
resistors. Designers should connect an unused
input to V
CC or GND.
In the shutdown mode, the supply current falls to
less than 1
µA, where SHDN = LOW. When the
SP3220EB/EU device is shut down, the device's
driver output is disabled (high-Z) and the charge
pump is turned off with V+ pulled down to V
CC
and V- pulled to GND. The time required to exit
shutdown is typically 100
µs. Connect SHDN to
V
CC if the shutdown mode is not used. SHDN has
no effect on RxOUT. Note that the driver is
enabled only when the magnitude of V- exceeds
approximately 3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com