Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3232B Datasheet(PDF) 18 Page - Sipex Corporation

Part # SP3232B
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3232B Datasheet(HTML) 18 Page - Sipex Corporation

Back Button SP3232B Datasheet HTML 10Page - Sipex Corporation SP3232B Datasheet HTML 11Page - Sipex Corporation SP3232B Datasheet HTML 12Page - Sipex Corporation SP3232B Datasheet HTML 13Page - Sipex Corporation SP3232B Datasheet HTML 14Page - Sipex Corporation SP3232B Datasheet HTML 15Page - Sipex Corporation SP3232B Datasheet HTML 16Page - Sipex Corporation SP3232B Datasheet HTML 17Page - Sipex Corporation SP3232B Datasheet HTML 18Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
Rev. 6/30/03
SP3222B/3232B True +3.0 to +5.5V RS-232 Transceivers
© Copyright 2003 Sipex Corporation
18
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP3222BCA ............................................. 0˚C to +70˚C .......................................... 20-Pin SSOP
SP3222BCP ............................................. 0˚C to +70˚C ............................................ 18-Pin PDIP
SP3222BCT ............................................. 0˚C to +70˚C ........................................ 18-Pin WSOIC
SP3222BCY ............................................. 0˚C to +70˚C ........................................ 20-Pin TSSOP
SP3222BEA ............................................ -40˚C to +85˚C ........................................ 20-Pin SSOP
SP3222BEP ............................................ -40˚C to +85˚C .......................................... 18-Pin PDIP
SP3222BET ............................................ -40˚C to +85˚C ...................................... 18-Pin WSOIC
SP3222BEY ............................................ -40˚C to +85˚C ...................................... 20-Pin TSSOP
SP3232BCA ............................................. 0˚C to +70˚C .......................................... 16-Pin SSOP
SP3232BCP ............................................. 0˚C to +70˚C ............................................ 16-Pin PDIP
SP3232BCT ............................................. 0˚C to +70˚C ........................................ 16-Pin WSOIC
SP3232BCN ............................................. 0˚C to +70˚C ......................................... 16-Pin nSOIC
SP3232BCY ............................................. 0˚C to +70˚C ........................................ 16-Pin TSSOP
SP3232BEA ............................................ -40˚C to +85˚C ........................................ 16-Pin SSOP
SP3232BEP ............................................ -40˚C to +85˚C .......................................... 16-Pin PDIP
SP3232BET ............................................ -40˚C to +85˚C ...................................... 16-Pin WSOIC
SP3232BEN ............................................ -40˚C to +85˚C ....................................... 16-Pin nSOIC
SP3232BEY ............................................ -40˚C to +85˚C ...................................... 16-Pin TSSOP
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Please consult the factory for pricing and availability on a Tape-On-Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com