Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3243 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP3243
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3243 Datasheet(HTML) 5 Page - Sipex Corporation

  SP3243 Datasheet HTML 1Page - Sipex Corporation SP3243 Datasheet HTML 2Page - Sipex Corporation SP3243 Datasheet HTML 3Page - Sipex Corporation SP3243 Datasheet HTML 4Page - Sipex Corporation SP3243 Datasheet HTML 5Page - Sipex Corporation SP3243 Datasheet HTML 6Page - Sipex Corporation SP3243 Datasheet HTML 7Page - Sipex Corporation SP3243 Datasheet HTML 8Page - Sipex Corporation SP3243 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
Rev. 6/30/03
SP3223 +3.0V to +5.5V RS-232 Transceivers
© Copyright 2003 Sipex Corporation
Figure 3. Supply Current VS. Load Capacitance when
Transmitting Data for the SP3223
Figure 4. Transmitter Output Voltage VS. Load
Capacitance for the SP3243
Figure 5. Slew Rate VS. Load Capacitance for the
SP3243
Figure 6. Supply Current VS. Load Capacitance when
Transmitting Data for the SP3243
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise noted, the following performance characteristics apply for V
CC = +3.3V, 120Kbps data rate, all drivers
loaded with 3K
Ω, 0.1µF charge pump capacitors, and T
AMB = +25°C.
40
35
30
25
20
15
10
5
0
Load Capacitance [pF]
118KHz
60KHz
10KHz
0
500
1000
1500
2000
6
4
2
0
-2
-4
-6
Load Capacitance [pF]
Vout+
Vout-
500
1000
1500
2000
2500
0
16
14
12
10
8
6
4
2
0
Load Capacitance [pF]
0
500
1000
1500
2000
2500
3000
+ Slew
- Slew
80
70
60
50
40
30
20
10
0
Load Capacitance [pF]
0
500
1000
1500
2000
2500
118KHz
60KHz
10KHz
3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com