Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3223EBCA/TR Datasheet(PDF) 24 Page - Sipex Corporation

Part # SP3223EBCA/TR
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3223EBCA/TR Datasheet(HTML) 24 Page - Sipex Corporation

Back Button SP3223EBCA/TR Datasheet HTML 17Page - Sipex Corporation SP3223EBCA/TR Datasheet HTML 18Page - Sipex Corporation SP3223EBCA/TR Datasheet HTML 19Page - Sipex Corporation SP3223EBCA/TR Datasheet HTML 20Page - Sipex Corporation SP3223EBCA/TR Datasheet HTML 21Page - Sipex Corporation SP3223EBCA/TR Datasheet HTML 22Page - Sipex Corporation SP3223EBCA/TR Datasheet HTML 23Page - Sipex Corporation SP3223EBCA/TR Datasheet HTML 24Page - Sipex Corporation SP3223EBCA/TR Datasheet HTML 25Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Date: 6/2/04
SP3223EB/3243EB +3.0V to +5.5V RS-232 Transceivers
© Copyright 2004 Sipex Corporation
24
D2
NX K
NX L
E2
NX K
NX b
0.80
0.90
1.00
0
0.02
0.05
Dimensions in
(mm)
32 PIN
QFN
JEDECMO220
(VHHD-4)
0
0.65
1.00
0.20 REF
0.35
0.40
0.45
A
A1
A2
A3
D
E
D2
L
MIN
NOM
MAX
3.50
3.65
3.80
E2
3.50
3.65
3.80
ND
5.00 BSC
5.00 BSC
8
NE
8
32 PIN QFN
e
0.50 BSC
b
0.18
0.25
0.30
Ø
0º
-
14º
N
32
e
D
E
SEATING PLANE
A1
A
4X غ
A3
A2
K
0.20
-
-
PACKAGE: 32 PIN QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com