Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3243CT Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP3243CT
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3243CT Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP3243CT Datasheet HTML 6Page - Sipex Corporation SP3243CT Datasheet HTML 7Page - Sipex Corporation SP3243CT Datasheet HTML 8Page - Sipex Corporation SP3243CT Datasheet HTML 9Page - Sipex Corporation SP3243CT Datasheet HTML 10Page - Sipex Corporation SP3243CT Datasheet HTML 11Page - Sipex Corporation SP3243CT Datasheet HTML 12Page - Sipex Corporation SP3243CT Datasheet HTML 13Page - Sipex Corporation SP3243CT Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Rev. 6/30/03
SP3223 +3.0V to +5.5V RS-232 Transceivers
© Copyright 2003 Sipex Corporation
10
DESCRIPTION
The SP3223 and SP3243 transceivers meet the
EIA/TIA-232 and ITU-T V.28/V.24 communica-
tion protocols and can be implemented in bat-
tery-powered, portable, or hand-held applica-
tions such as notebook or palmtop computers.
The SP3223 and SP3243 devices feature Sipex's
proprietary and patented (U.S.-- 5,306,954) on-
board charge pump
circuitry that generates
±5.5V RS-232 voltage levels from a single +3.0V
to +5.5V power supply. The SP3223 and SP3243
devices
can
operate
at
a typical data rate of 235kbps fully loaded.
The SP3223 is a 2-driver/2-receiver device, and
the SP3243 is a 3-driver/5-receiver device
ideal for portable or hand-held applications.
The SP3243 includes one complementary
always-active receiver that can monitor an
external device (such as a modem) in shutdown.
This aids in protecting the UART or serial
controller IC by preventing forward biasing
of the protection diodes where V
CC may be
disconnected.
The SP3223 and SP3243 series is an ideal choice
for power sensitive designs. The SP3223 and
SP3243 devices feature AUTO ON-LINE®
circuitry which reduces the power supply drain
to a 1
µA supply current. In many portable or
hand-held applications, an RS-232 cable can be
disconnected or a connected peripheral can be
turned off. Under these conditions, the internal
charge pump and the drivers will be shut down.
Otherwise, the system automatically comes
online. This feature allows design engineers to
address power saving concerns without major
design changes.
THEORY OF OPERATION
The SP3223 and SP3243 series is made up
of four basic circuit blocks:
1. Drivers, 2. Receivers, 3. the Sipex proprietary
charge pump, and 4. AUTO ON-LINE® cir-
cuitry.
Drivers
The drivers are inverting level transmitters that
convert TTL or CMOS logic levels to 5.0V EIA/
TIA-232 levels with an inverted sense relative to
the input logic levels. Typically, the RS-232
output voltage swing is +5.4V with no load and
+5V minimum fully loaded. The driver outputs
are protected against infinite short-circuits to
ground without degradation in reliability. These
drivers comply with the EIA-TIA-232F and all
previous RS-232 versions. Unused driver inputs
should be connected to GND or V
CC.
The drivers can guarantee a data rate of 120Kbps
fully loaded with 3K
Ω in parallel with 1000pF,
ensuring compatibility with PC-to-PC commu-
nication software.
The slew rate of the driver output is internally
limited to a maximum of 30V/
µs in order to
meet the EIA standards (EIA RS-232D 2.1.7,
Paragraph 5).
The transition of the loaded
output from HIGH to LOW also meets the
monotonicity requirements of the standard.
Figure 11. Interface Circuitry Controlled by Micropro-
cessor Supervisory Circuit
SP3243
28
24
2
1
27
3
26
5KΩ
5KΩ
5KΩ
5KΩ
5KΩ
GND
C1+
C1-
C2+
C2-
V+
V-
VCC
14
13
12
20
19
18
17
16
15
0.1µF
0.1µF
0.1µF
+
C2
C5
C1
+
+
C3
C4
+
+
0.1µF
0.1µF
9
10
11
4
5
6
7
8
RS-232
OUTPUTS
RS-232
INPUTS
23
22
21
VCC
25
T
1IN
R
1OUT
R
1IN
T
2OUT
R
2OUT
T
2IN
T
3IN
T
3OUT
T
1OUT
R
2IN
R
3IN
R
4IN
R
5IN
R
2OUT
R
3OUT
R
4OUT
R
5OUT
ONLINE
SHUTDOWN
STATUS
UART
or
Serial µC
µP
Supervisor
IC
TxD
RTS
DTR
RxD
CTS
DSR
DCD
RI
VCC
VIN
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com