Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3243BCT Datasheet(PDF) 22 Page - Sipex Corporation

Part # SP3243BCT
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3243BCT Datasheet(HTML) 22 Page - Sipex Corporation

Back Button SP3243BCT Datasheet HTML 16Page - Sipex Corporation SP3243BCT Datasheet HTML 17Page - Sipex Corporation SP3243BCT Datasheet HTML 18Page - Sipex Corporation SP3243BCT Datasheet HTML 19Page - Sipex Corporation SP3243BCT Datasheet HTML 20Page - Sipex Corporation SP3243BCT Datasheet HTML 21Page - Sipex Corporation SP3243BCT Datasheet HTML 22Page - Sipex Corporation SP3243BCT Datasheet HTML 23Page - Sipex Corporation SP3243BCT Datasheet HTML 24Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Rev. 6/30/03
SP3223B/3243B +3.0V to +5.5V RS-232 Transceivers
© Copyright 2003 Sipex Corporation
22
Gage
Plane
1.0 OIA
e
0.169 (4.30)
0.177 (4.50)
0.252 BSC (6.4 BSC)
0’-8’ 12’REF
0.039 (1.0)
e/2
0.039 (1.0)
0.126 BSC (3.2 BSC)
D
0.007 (0.19)
0.012 (0.30)
0.033 (0.85)
0.037 (0.95)
0.002 (0.05)
0.006 (0.15)
0.043 (1.10) Max
(θ3)
1.0 REF
0.020 (0.50)
0.026 (0.75)
(θ1)
0.004 (0.09) Min
0.004 (0.09) Min
0.010 (0.25)
(θ2)
0.008 (0.20)
DIMENSIONS
in inches (mm) Minimum/Maximum
Symbol
20 Lead
28 Lead
D
0.252/0.260
0.378/0.386
(6.40/6.60)
(9.60/9.80)
e
0.026 BSC
0.026 BSC
(0.65 BSC)
(0.65 BSC)
PACKAGE: PLASTIC THIN
SMALL OUTLINE
(TSSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com