Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3485 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP3485
Description  3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3485 Datasheet(HTML) 4 Page - Sipex Corporation

  SP3485 Datasheet HTML 1Page - Sipex Corporation SP3485 Datasheet HTML 2Page - Sipex Corporation SP3485 Datasheet HTML 3Page - Sipex Corporation SP3485 Datasheet HTML 4Page - Sipex Corporation SP3485 Datasheet HTML 5Page - Sipex Corporation SP3485 Datasheet HTML 6Page - Sipex Corporation SP3485 Datasheet HTML 7Page - Sipex Corporation SP3485 Datasheet HTML 8Page - Sipex Corporation SP3485 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
10/15/02
SP3481/3485 Low Power Half-Duplex RS485 Transceivers
© Copyright 2000 Sipex Corporation
4
PIN FUNCTION
Pin 1 – RO – Receiver Output.
Pin 2 – RE – Receiver Output Enable Active LOW.
Pin 3 – DE – Driver Output Enable Active HIGH.
Pin 4 – DI – Driver Input.
Pin 5 – GND – Ground Connection.
Pin 6 – A – Driver Output/Receiver Input
Non-inverting.
Pin 7 – B – Driver Output/Receiver Input Inverting.
Pin 8 – V
CC
DESCRIPTION
The SP3481 and the SP3485 are 2 members
in the family of +3.3V low power half-duplex
transceivers that meet the specifications of the
RS-485 and RS-422 serial protocols. These
devices are pin-to-pin compatible with the Sipex
SP481, SP483, and SP485 devices as well as
popular industry standards. The SP3481 and
the SP3485 feature Sipex's BiCMOS process
allowing low power operation without sacrificing
performance.
Drivers
The driver outputs of the SP3481 and SP3485
are differential outputs meeting the RS-485 and
RS-422 standards. The typical voltage output
swing with no load will be 0 Volts to +3.3 Volts.
With a load of 54
Ω across the differential
outputs, the drivers maintain greater than
1.5V voltage levels. The drivers of the SP3481
and SP3485 have an enable control line which
is active HIGH. A logic HIGH on DE (pin 3)
will enable the differential driver outputs.
A logic LOW on DE (pin 3) will tri-state the
driver outputs.
The tranceivers in the SP3481 and SP3485
operate up to 10Mbps. The 250mA I
SC
maximum limit on the driver output allows
the SP3481 and the SP3485 to withstand an
infinite short circuit over the -7.0V to +12.0V
common mode range without catastrophic
damage to the IC.
SP3481/SP3485
Pinout (Top View)
RO 1
RE 2
DE 3
DI 4
8
VCC
7
B
6
A
5
GND
D
R
SP485
Top View
Receivers
The SP3481 and SP3485 receivers have
differential inputs with an input sensitivity as
low as
±200mV. Input impedance of the
receivers is typically 15k
Ω (12kΩ minimum).
A wide common mode range of -7V to +12V
allows for large ground potential differences
between systems. The receivers of the SP3481
and SP3485 have a tri-state enable control pin.
A logic LOW on RE (pin 2) will enable the
receiver, a logic HIGH on RE (pin 2) will disable
the receiver.
The receivers of the SP3481 and SP3485 operate
up to 10Mbps. The receiver for each of the three
devices is equipped with fail-safe. Fail-safe
guarantees that the receiver output will be in a
HIGH state when the input is left unconnected.
Shutdown Mode for the SP3481
The SP3481 is equipped with a Shutdown mode.
To enable the Shutdown state, both the driver
and receiver must be disabled simultaneously.
A logic LOW on DE (pin 3) and a logic HIGH on
RE (pin 2) will put the SP3481 into Shutdown
mode. In Shutdown, supply current will drop to
typical 1
µA, 10µA maximum.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com