Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3493 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP3493
Description  3.3V Low Power RS-485/RS-422 Transceivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3493 Datasheet(HTML) 2 Page - Sipex Corporation

  SP3493 Datasheet HTML 1Page - Sipex Corporation SP3493 Datasheet HTML 2Page - Sipex Corporation SP3493 Datasheet HTML 3Page - Sipex Corporation SP3493 Datasheet HTML 4Page - Sipex Corporation SP3493 Datasheet HTML 5Page - Sipex Corporation SP3493 Datasheet HTML 6Page - Sipex Corporation SP3493 Datasheet HTML 7Page - Sipex Corporation SP3493 Datasheet HTML 8Page - Sipex Corporation SP3493 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
10/16/02
SP3493/3494 +3.3V Low Power Slew-Rate Limited RS-485/RS-422 Transceivers
© Copyright 2002 Sipex Corporation
SPECIFICATIONS
T
AMB = TMIN to TMAX and VCC = 3.3V ± 5% unless otherwise noted.
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
SP3493 DRIVER
DC Characteristics
Differential Output Voltage
GND
V
CC
Volts
Unloaded; R = ∞ Ω; Figure 1
Differential Output Voltage
2
V
CC
Volts
With Load; R = 50Ω; (RS-422);
Figure 1
Differential Output Voltage
1.5
V
CC
Volts
With Load;R = 27Ω; (RS-485); Figure 1
Change in Magnitude of Driver
Differential Output Voltage for
Complimentary States
0.2
Volts
R = 27Ω or R = 50Ω; Figure 1
Driver Common-Mode
Output Voltage
3
Volts
R = 27Ω or R = 50Ω; Figure 1
Input High Voltage
2.0
Volts
Input Low Voltage
0.8
Volts
Input Current
+10
µA
Driver Short-Circuit Current
V
OUT = HIGH
+250
mA
-7V < V
O < +12V
V
OUT = LOW
+250
mA
-7V < V
O < +12V
SP3493 DRIVER
AC Characteristics
Maximum Data Rate
250
kbps
Driver Input to Output, t
PLH
400
900
1500
ns
Figures 2 and 8
Driver Input to Output, t
PHL
400
900
1500
ns
Figures 2 and 8
Differential Driver Skew
10
ns
t
PHL(Y) - tPLH(Y) , tPHL(Z) - tPLH(Z) ,
Figures 2 and 8
Figures 2 and 8
Driver Rise or Fall Time
10
30
ns
From 10% to 90%;
Figures 3 and 9
SP3493 RECEIVER
DC Characteristics
Differential Input Threshold
0.2
+0.2
Volts
-7V < V
CM < 12V
Input Hysteresis
25
mV
V
CM = 0V
Output Voltage High
V
CC-0.4
Volts
I
O = -1.5mA, VID = +200mV
Output Voltage Low
0.4
Volts
I
O = +2.5mA, VID = -200mV
Input Resistance
12
15
kΩ
-7V < V
CM < 12V
Input Current (A, B); V
IN = 12V
1.0
mA
V
IN = 12V
Input Current (A, B); V
IN = -7V
-0.8
mA
V
IN = -7V
Short-Circuit Current
60
mA
0V < V
O < VCC
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
V
CC ............................................................................................ +6.0V
Input Voltages
Drivers ........................................................................ -0.3V to +6.0V
Receivers ................................................................................... ±14V
Output Voltages
Drivers ....................................................................................... ±14V
Receivers .................................................................... -0.3V to +6.0V
Storage Temperature ................................................. -65˚C to +150˚
Power Dissipation per Package
8-pin PDIP (derate11.8mW/oC above +70oC) ...................... 1000mW
8-pin NSOIC (derate 6.90mW/oC above +70oC) .................... 600mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com