Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3486EP Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP3486EP
Description  3.3V Low Power Quad RS-485/RS-422 Line Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3486EP Datasheet(HTML) 5 Page - Sipex Corporation

  SP3486EP Datasheet HTML 1Page - Sipex Corporation SP3486EP Datasheet HTML 2Page - Sipex Corporation SP3486EP Datasheet HTML 3Page - Sipex Corporation SP3486EP Datasheet HTML 4Page - Sipex Corporation SP3486EP Datasheet HTML 5Page - Sipex Corporation SP3486EP Datasheet HTML 6Page - Sipex Corporation SP3486EP Datasheet HTML 7Page - Sipex Corporation SP3486EP Datasheet HTML 8Page - Sipex Corporation SP3486EP Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
10/15/02
SP3486/3487 Low Power Quad RS485/422 Line Drivers
© Copyright 2002 Sipex Corporation
5
AC PARAMETERS
V
CC = +3.3V±5%; typicals at 25°C; TAMB = 25°C unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
PROPAGATION DELAY
Driver Input to Output
Figure 2 and 5
Low to High (t
PLH)20
4060
ns
High to Low (t
PHL)20
4060
ns
Differential Driver Skew
5
10
ns
| t
PHL(Y) - tPLH(Y) |, | tPHL(Z) - tPLH(Z) | ,
Figures 2 and 5
Driver Rise Time (t
R)
10% to 90% R
DIFF = 60Ω
SP3486
10
ns
SP3487
10
ns
Driver Fall Time (t
F)
90% to 10% R
DIFF = 60Ω
SP3486
10
ns
SP3487
10
ns
DRIVER ENABLE
To Output High
110
ns
Figures 3 and 6
To Output Low
110
ns
Figures 4 and 6
DRIVER DISABLE
From Output Low
110
ns
Figures 4 and 6
From Output High
110
ns
Figures 3 and 6
FEATURES
The SP3486 and the SP3487 are +3.3V low power
quad line drivers that meet the specifications of
the RS-485 and RS-422 serial protocols. These
devices are pin-to-pin compatible with Sipex's
SP486 and SP487 devices as well as popular
industry standards. The SP3486 and SP3487
devices feature Sipex's BiCMOS process
allowing low power operation without sacrificing
performance.
The RS-485 standard is ideal for multi-drop
applications or for long distance interfaces.
RS-485 allows up to 32 drivers and 32 receivers
to be connected to a data bus, making it an ideal
choice for multi-drop applications. Since the
cabling can be as long as 4,000 feet, RS-485
transceivers are equipped with a wide (-7V to
+12V) common mode range to accomodate
ground potential differences. Data is virtually
immune to noise in the transmission line because
the RS-485 protocol is a differential interface.
Driver
The drivers for both the SP3486 and SP3487
have differential outputs. The typical voltage
output swing with no load will be 0V to +5V.
With worst case loading of 54
Ω across the
differential outputs, the driver can maintain
greater than +1.5V voltage levels.
The drivers of the SP3486 feature active HIGH
and active LOW common driver enable
controls. Refer to SP3486 Truth Table in Table
1. The SP3487 provides independent, active
high driver enable controls for each pair of
drivers. Refer to SP3487 Truth Table in Table 2.
The driver outputs are short-circuit limited
to 250mA. The SP3486 and SP3487 drivers
meet the electrical specifications of RS-485
and RS-422 serial protocols up to 10Mbps
under load.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com