Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3508EB Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP3508EB
Description  Evaluation Board Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3508EB Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP3508EB Datasheet HTML 5Page - Sipex Corporation SP3508EB Datasheet HTML 6Page - Sipex Corporation SP3508EB Datasheet HTML 7Page - Sipex Corporation SP3508EB Datasheet HTML 8Page - Sipex Corporation SP3508EB Datasheet HTML 9Page - Sipex Corporation SP3508EB Datasheet HTML 10Page - Sipex Corporation SP3508EB Datasheet HTML 11Page - Sipex Corporation SP3508EB Datasheet HTML 12Page - Sipex Corporation SP3508EB Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Rev. 8/28/03
SP3508 Evaluation Board Manual
© Copyright 2003 Sipex Corporation
12
SP3508 Pin Designation
Pin Number
Pin Name
Description
Pin Number
Pin Name
Description
1
GND
Signal Ground
51
RT(B)
RxT Non-Inverting Input
2
SDEN
TxD Driver Enable Input
52
RT(A)
RxT Non-Inverting Input
3
TTEN
TxCE Driver Enable Input
53
TxC(B)
TxC Non-Inverting Input
4
STEN
ST Driver Enable Input
54
GND
Signal Ground
5
RSEN
RTS Driver Enable Input
55
TxC(A)
TxC Inverting Input
6
TREN
DTR Driver Enable Input
56
CS(B)
CTS Non-Inverting Input
7
RRCEN
DCD Driver Enable Input
57
CS(A)
CTS Inverting Input
8
RLEN
RL Driver Enable Input
58
DM(B)
DSR Non-Inverting Input
9
LLEN
LL Driver Enable Input
59
DM(A)
DSR Inverting Input
10
RDEN
RxD Receiver Enable Input
60
GNDV10
V.10 Rx Reference Node
11
RTEN
RxT Receiver Enable Input
61
RRT(B)
DCD
DTE Non-Inverting Input
12
TxCEN
TxC Receiver Enable Input
62
RRT(A)
DCD
DTE Non-Inverting Input
13
CSEN
CTS Receiver Enable Input
63
IC
RI Receiver Input
14
DMEN
DSR Receiver Enable Input
64
TM(A)
TM Receiver Input
15
RRTEN
DCD
DTE Receiver Enable Input
65
LL(A)
LL Driver Output
16
ICEN
RI Receiver Enable Input
66
VCC
Power Supply Input
17
TMEN
TM Receiver Enable Input
67
RL(A)
RL Driver Output
18
D0
Mode Select Input
68
VSS1
-2xVCC Charge Pump Output
19
D1
Mode Select Input
69
C2N
Charge Pump Capacitor
20
D2
Mode Select Input
70
C1N
Charge Pump Capacitor
21
D_LATCH
Decoder Latch Input
71
GND
Signal Ground
22
TERM_OFF Termination Disable Input
72
C2P
Charge Pump Capacitor
23
VCC
Power Supply Input
73
VCC
Power Supply Input
24
C3P
Charge Pump Capacitor
74
C1P
Charge Pump Capacitor
25
GND
Signal Ground
75
GND
Signal Ground
26
C3N
Charge Pump Capacitor
76
VDD
2xVCC Charge Pump Output
27
VSS2
Minus VCC
77
RRC(B)
DCD
DCE Non-Inverting Output
28
AGND
Signal Ground
78
VCC
Power Supply Input
29
AVCC
Power Supply Input
79
RRC(A)
DCD
DCE Inverting Output
30
LOOPBACK Loopback Mode Enable Input
80
GND
Signal Ground
31
TxD
TxD Driver TTL Input
81
RS(A)
RTS Inverting Output
32
TxCE
TxCE Driver TTL Input
82
VCC
Power Supply Input
33
ST
ST Driver TTL Input
83
RS(B)
RTS Non-Inverting Output
34
RTS
RTS Driver TTL Input
84
GND
Signal Ground
35
DTR
DTR Driver TTL Input
85
TR(A)
DTR Inverting Output
36
DCD_DCE
DCD
DCE Driver TTL Input
86
VCC
Power Supply Input
37
RL
RL Driver TTL Input
87
TR(B)
DTR Non-Inverting Output
38
LL
LL Driver TTL Input
88
GND
Signal Ground
39
RxD
RxD Receiver TTL Output
89
ST(A)
ST Inverting Output
40
RxC
RxC Receiver TTLOutput
90
VCC
Power Supply Input
41
TxC
TxC Receiver TTL Output
91
ST(B)
ST Non-Inverting Output
42
CTS
CTS Receiver TTL Output
92
GND
Signal Ground
43
DSR
DSR Receiver TTL Output
93
TT(A)
TxCE Inverting Output
44
DCD_DTE
DCD
DTE Receiver TTL Output
94
VCC
Power Supply Input
45
RI
TI Receiver TTL Output
95
TT(B)
TxCE Inverting Output
46
TM
TM Receiver TTL Output
96
GND
Signal Ground
47
GND
Signal Ground
97
SD(A)
TxD Inverting Output
48
VCC
Power Supply Input
98
VCC
Power Supply Input
49
RD(B)
RXD Non-Inverting Input
99
SD(B)
TxD Non-Inverting Output
50
RD(A)
RXD Inverting Input
100
VCC
Power Supply Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com