Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS42 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54LS42
Description  Decimal Decoders
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS42 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54LS42 Datasheet HTML 1Page - National Semiconductor (TI) 54LS42 Datasheet HTML 2Page - National Semiconductor (TI) 54LS42 Datasheet HTML 3Page - National Semiconductor (TI) 54LS42 Datasheet HTML 4Page - National Semiconductor (TI) 54LS42 Datasheet HTML 5Page - National Semiconductor (TI) 54LS42 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6365
June 1989
54LS42DM54LS42DM74LS42 BCDDecimal Decoders
General Description
These BCD-to-decimal decoders consist of eight inverters
and ten four-input NAND gates The inverters are connect-
ed in pairs to make BCD input data available for decoding
by the NAND gates Full decoding of input logic ensures
that all outputs remain off for all invalid (10 – 15) input condi-
tions
Features
Y
Diode clamped inputs
Y
Also for applications as 4-line-to-16-line decoders 3-
line-to-8-line decoders
Y
All outputs are high for invalid input conditions
Y
Alternate MilitaryAerospace device (54LS42) is avail-
able Contact a National Semiconductor Sales Office
Distributor for specifications
Connection Diagram
Dual-In-Line Package
TLF6365 – 1
Order Number 54LS42DMQB 54LS42FMQB
DM54LS42J DM54LS42W DM74LS42M or DM74LS42N
See NS Package Number J16A M16A N16E or W16A
Function Table
No
BCD Inputs
Decimal Outputs
D
C
B
A
0123456789
0
L
L
L
L
L
HHHHHHHHH
1
L
L
L
HH
L
H
HHHHHHH
2
L
L
H
L
H
H
L
HHHHHHH
3
L
L
HHHHH
L
H
HHHHH
4
L
H
L
L
H
HHH
L
HHHHH
5
L
H
L
HHHHHH
L
H
HHH
6
L
H
HLH
H
H
H
H
HLH
H
H
7
L
HHHHHHHHHH
L
H
H
8
H
L
L
L
H
HHHHHHH
L
H
9
H
L
L
HHHHHHHHHH
L
I
H
L
H
L
H
HHHHHHHHH
N
H
L
HHHHHHHHHHHH
V
HH
L
L
HHHHHHHHHH
A
HH
L
H
HHHHHHHHHH
L
HHH
L
H
HHHHHHHHH
I
HHHHHHHHHHHHHH
D
H e High Level
L e Low Level
Logic Diagram
TLF6365 – 2
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 54LS42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54LS42 TI-54LS42 Datasheet
341Kb / 8P
54LS42 DM54LS42 DM74LS42 BCD to Decimal Decoders
More results

Similar Description - 54LS42

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5442A NSC-5442A Datasheet
118Kb / 6P
BCD to Decimal Decoders
logo
Fairchild Semiconductor
DM74145 FAIRCHILD-DM74145 Datasheet
40Kb / 4P
BCD to Decimal Decoders/Drivers
DM7445 FAIRCHILD-DM7445 Datasheet
41Kb / 4P
BCD to Decimal Decoders/Drivers
logo
Texas Instruments
SN74LS445 TI-SN74LS445 Datasheet
126Kb / 3P
BCD-TO-DECIMAL DECODERS/DRIVERS
logo
List of Unclassifed Man...
DN74LS42 ETC1-DN74LS42 Datasheet
256Kb / 3P
BCD to Decimal Decoders
DN74LS445S ETC1-DN74LS445S Datasheet
283Kb / 3P
BCD to Decimal Decoders/Drivers
logo
National Semiconductor ...
DM54145 NSC-DM54145 Datasheet
124Kb / 4P
BCD to Decimal Decoders/Drivers
logo
Texas Instruments
SN54145 TI-SN54145_07 Datasheet
930Kb / 23P
BCD-TO-DECIMAL DECODERS/DRIVERS
logo
List of Unclassifed Man...
DM7441A ETC2-DM7441A Datasheet
529Kb / 4P
BCD/ DECIMAL DECODERS/DRIVERS
logo
Texas Instruments
SN5445 TI1-SN5445_14 Datasheet
314Kb / 8P
BCD-TO-DECIMAL DECODERS/DRIVERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com