Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP385A Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP385A
Description  3V to 5V RS-232 Line Driver/Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP385A Datasheet(HTML) 3 Page - Sipex Corporation

  SP385A Datasheet HTML 1Page - Sipex Corporation SP385A Datasheet HTML 2Page - Sipex Corporation SP385A Datasheet HTML 3Page - Sipex Corporation SP385A Datasheet HTML 4Page - Sipex Corporation SP385A Datasheet HTML 5Page - Sipex Corporation SP385A Datasheet HTML 6Page - Sipex Corporation SP385A Datasheet HTML 7Page - Sipex Corporation SP385A Datasheet HTML 8Page - Sipex Corporation SP385A Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
SP385ADS/05
SP385A Line Driver/Receiver
© Copyright 2000 Sipex Corporation
PERFORMANCE CURVES
-55
-40
0
25
70
85
125
Temperature (°C)
0
5
10
15
20
25
30
VCC = 6V
VCC = 5V
VCC = 4V
VCC = 3V
4.5
4.75
5.0
5.25
5.5
VCC (Volts)
6.8
7.4
7.6
7.8
8.0
8.2
8.4
Load current = 0mA
TA = 25°C
7.0
7.2
0
5
10
15
20
Load Current (mA)
0
6
8
10
12
2
4
VCC = 5V
VCC = 4V
VCC = 6V
25
30
35
40
0246
8
10
12
14
Load Current (mA)
-3
-4
-5
-6
-7
-8
-9
-10
-11
VCC = 6V
VCC = 5V
VCC = 4V
SPECIFICATIONS
V
CC=+5V±10%; 0.1µF charge pump capacitors; TMIN to TMAX
unless otherwise noted.
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
TTL INPUT
Logic Threshold
Low
0.8
Volts
T
IN ; ON/OFF
High
2.0
Volts
T
IN ; ON/OFF
Logic Pullup Current
15
200
µAT
IN = 0V
Maximum Data Rate
120
kbps
C
L = 2500pF, RL= 3kΩ
TTL OUTPUT
TTL/CMOS Output
Voltage, Low
0.4
Volts
I
OUT = 3.2mA; Vcc = +5V
Voltage, High
3.5
Volts
I
OUT = -1.0mA
Leakage Current; T
A = +25°C
0.05
±10
µA
ON/OFF = O, 0V
≤ V
OUT ≤ VCC
EIA-232 OUTPUT
Output Voltage Swing
±5
±9
Volts
All transmitter outputs loaded
with 3k
Ω to ground
Power-Off Output Resistance
300
Ω
V
CC = 0V; VOUT =
±2V
Output Short Circuit Current
±18
mA
Infinite duration
EIA-232 INPUT
Voltage Range
-15
+15
Volts
Voltage Threshold
Low
0.8
1.2
Volts
V
CC = 5V, TA = +25°C
High
1.7
2.4
Volts
V
CC = 5V, TA = +25°C
Hysteresis
0.2
0.5
1.0
Volts
V
CC = 5V, TA = +25°C
Resistance
3
5
7
k
Ω
V
IN = 15V to –15V
DYNAMIC CHARACTERISTICS
Driver Propagation Delay
4.0
µs
TTL to RS-232
Receiver Propagation Delay
1.5
µs
RS-232 to TTL
Instantaneous Slew Rate
30
V/
µsC
L = 10pF, RL= 3kΩ - 7kΩ;
T
A =+25°C
Transition Region Slew Rate
10
V/
µsC
L = 2500pF, RL= 3kΩ;
measured from +3V to -3V
or -3V to +3V
Output Enable Time
400
ns
Output Disable Time
250
ns
POWER REQUIREMENTS
V
CC Power Supply Current
10
15
mA
No load, T
A= +25°C; VCC = 5V
25
mA
All transmitters R
L = 3kΩ;
T
A
= +25
°C
Shutdown Supply Current
1
10
µAV
CC = 5V, TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com