Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M02015 Datasheet(PDF) 13 Page - M/A-COM Technology Solutions, Inc.

Part # M02015
Description  Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon Output and AGC for Fiber
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02015 Datasheet(HTML) 13 Page - M/A-COM Technology Solutions, Inc.

Back Button M02015 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
M02015
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
13
Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon Output and AGC for Fiber
Optic Networks up to 2.5 Gbps
Rev V6
VCC = 3.3V, Temperature = 25°C, LIN = 1 nH, unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com