Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3493CP Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP3493CP
Description  3.3V Low Power RS-485/RS-422 Transceivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3493CP Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP3493CP Datasheet HTML 3Page - Sipex Corporation SP3493CP Datasheet HTML 4Page - Sipex Corporation SP3493CP Datasheet HTML 5Page - Sipex Corporation SP3493CP Datasheet HTML 6Page - Sipex Corporation SP3493CP Datasheet HTML 7Page - Sipex Corporation SP3493CP Datasheet HTML 8Page - Sipex Corporation SP3493CP Datasheet HTML 9Page - Sipex Corporation SP3493CP Datasheet HTML 10Page - Sipex Corporation SP3493CP Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
10/16/02
SP3493/3494 +3.3V Low Power Slew-Rate Limited RS-485/RS-422 Transceivers
© Copyright 2002 Sipex Corporation
ORDERING INFORMATION
Model
Temperature Range
Package
SP3493CN
0˚C to +70˚C
8-pin Narrow SOIC
SP3493CP
0˚C to +70˚C
8-pin Plastic DIP
SP3493EN
.-40˚C to +85˚C
8-pin Narrow SOIC
SP3493EP
-40˚C to +85˚C
8-pin Plastic DIP
SP3494CN
0˚C to +70˚C
8-pin Narrow SOIC
SP3494CP
0˚C to +70˚C
8-pin Plastic DIP
SP3494EN
-40˚C to +85˚C
8-pin Narrow SOIC
SP3494EP
-40˚C to +85˚C
8-pin Plastic DIP
Please consult the factory for pricing and availability on a Tape-On-Reel option.
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com