Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP508CEB Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP508CEB
Description  Evaluation Board Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP508CEB Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP508CEB Datasheet HTML 3Page - Sipex Corporation SP508CEB Datasheet HTML 4Page - Sipex Corporation SP508CEB Datasheet HTML 5Page - Sipex Corporation SP508CEB Datasheet HTML 6Page - Sipex Corporation SP508CEB Datasheet HTML 7Page - Sipex Corporation SP508CEB Datasheet HTML 8Page - Sipex Corporation SP508CEB Datasheet HTML 9Page - Sipex Corporation SP508CEB Datasheet HTML 10Page - Sipex Corporation SP508CEB Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Rev. 8/28/03
SP3508 Evaluation Board Manual
© Copyright 2003 Sipex Corporation
7
TABLE 1.
EIA-232
EIA-530
EIA-449
V.35
X.21
Signal Name
source
Mnemonic
Pin
Mnemonic
Pin
Mnemonic
Pin
Mnemonic
Pin
Mnemonic
Pin
Shield
—
—
1
—
1
—
1
—
A
—
1
Transmitted data
DTE
BA
2
BA(A)
2
SD(A)
4
103
P
Circuit T(A)
2
BA(B)
14
SD(B)
22
103
S
Circuit T(B)
9
Received Data
DCE
BB
3
BB(A)
3
RD(A)
6
104
R
Circuit R(A)
4
BB(B)
16
RD(B)
24
104
T
Circuit R(B)
11
Request To Send
DTE
CA
4
CA(A)
4
RS(A)
7
105
C
Circuit C(A)
3
CA(B)
19
RS(B)
25
Circuit C(B)
10
Clear To Send
DCE
CB
5
CB(A)
5
CS(A)
9
106
D
Circuit I(A)
5
CB(B)
13
CS(B)
27
Circuit I(B)
12
DCE Ready (DSR) DCE
CC
6
CC(A)
6
DM(A)
11
107
E
CC(B)
22
DM(B)
29
DTE Ready (DTR)
DTE
CD
20
CD(A)
20
TR(A)
12
108
H*
CD(B)
23
TR(B)
30
Signal Ground
—
AB
7
AB
7
SG
19
102
B
Circuit G
8
Recv. Line Sig.
DCE
CF
8
CF(A)
8
RR(A)
13
109
F
Det. (DCD)
CF(B)
10
RR(B)
31
Trans. Sig.
DCE
DB
15
DB(A)
15
ST(A)
5
114
Y
Circuit S(A)
6
Elemt. Timing
DB(B)
12
ST(B)
23
114
AA
Circuit S(B)
13
Recv. Sig.
DTE
RL
17
DD(A)
17
RT(A)
8
115
V
Circuit B(A)**
7
Elemt. Timing
DD(B)
9
RT(B)
26
115
X
Circuit B(B)**
14
Local Loopback
DCE
DD
18
LL
18
LL
10
141
L*
Remote Loopback
DTE
LL
21
RL
21
RL
14
140
N*
Ring Indicator
DCE
CE
22
—
—
—
—
125
J*
Trans. Sig.
DTE
DA
24
DA(A)
24
TT(A)
17
113
U*
Circuit X(A)**
7
Elemt. Timing
DA(B)
11
TT(B)
35
113
W*
Circuit X(B)**
14
Test Mode
DCE
TM
25
TM
25
TM
18
142
NN*
* Optional signals
** Only one of the two x.21 signals, Circuit B or X, can be implemented and active at one time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com