Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP385EEA Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP385EEA
Description  Enhanced 3V or 5V RS-232 Line Driver/Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP385EEA Datasheet(HTML) 2 Page - Sipex Corporation

  SP385EEA Datasheet HTML 1Page - Sipex Corporation SP385EEA Datasheet HTML 2Page - Sipex Corporation SP385EEA Datasheet HTML 3Page - Sipex Corporation SP385EEA Datasheet HTML 4Page - Sipex Corporation SP385EEA Datasheet HTML 5Page - Sipex Corporation SP385EEA Datasheet HTML 6Page - Sipex Corporation SP385EEA Datasheet HTML 7Page - Sipex Corporation SP385EEA Datasheet HTML 8Page - Sipex Corporation SP385EEA Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Rev. 10/22/01
SP385E Enhanced +3V to +5V RS-232 Line Driver/Receiver
© Copyright 2001 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operation
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect
reliability.
V
cc
.................................................................................................................................................................
+6V
V+ .................................................................................................................... (Vcc-0.3V) to +13.2V
V- .............................................................................................................................................................. 13.2V
Input Voltages
T
IN
.........................................................................................................................
-0.3 to (Vcc +0.3V)
R
IN
............................................................................................................................................................
±15V
Output Voltages
T
OUT
....................................................................................................
(V+, +0.3V) to (V-, -0.3V)
R
OUT
................................................................................................................
-0.3V to (Vcc +0.3V)
Short Circuit Duration
T
OUT
.........................................................................................................................................
Continuous
Power Dissipation
CERDIP .............................................................................. 675mW
(derate 9.5mW/
°C above +70°C)
Plastic DIP .......................................................................... 375mW
(derate 7mW/
°C above +70°C)
Small Outline ...................................................................... 375mW
(derate 7mW/
°C above +70°C)
SPECIFICATIONS
VCC = +3.3V ± 10%; cap on (V+) and (V-) = 1.0µF, C1 = C2 = 0.1µF; TMIN to TMAX unless otherwise noted.
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
TTL INPUT
Logic Threshold
Low
0.8
Volts
TIN ; ON/OFF Vcc = 3.3V
High
2.0
Volts
TIN ; ON/OFF Vcc = 3.3V
Logic Pullup Current
15
200
µAT
IN = 0V
Maximum Data Rate
120
kbps
CL = 2500pF, RL= 3kΩ
TTL OUTPUT
TTL/CMOS Output
Voltage, Low
0.5
Volts
IOUT = 3.2mA; Vcc = 3.3V
Voltage, High
2.4
Volts
IOUT = -1.0mA
Leakage Current; TA = +25°C
0.05
±10
µA
ON/OFF=0V, 0V
≤ V
OUT ≤
VCC
EIA-562 OUTPUT
Output Voltage Swing
±3.7
±4.2
Volts
All transmitter outputs loaded
with 3k
Ω to ground
Power-Off Output Resistance
300
Ω
VCC = 0V; VOUT = ±2V
Output Short Circuit Current
±10
mA
Infinite duration
EIA-562 INPUT
Voltage Range
-15
+15
Volts
Voltage Threshold
Low
0.8
1.2
Volts
VCC = 3.3V, TA = +25°C
High
1.7
2.4
Volts
VCC = 3.3V, TA = +25°C
Hysteresis
0.2
0.5
1.0
Volts
VCC = 3.3V, TA = +25°C
Resistance
3
5
7
k
Ω
VIN = 15V to –15V
DYNAMIC CHARACTERISTICS
Driver Propagation Delay
4.0
µs
TTL to RS-562
Receiver Propagation Delay
1.5
µs
RS-562 to TTL
Instantaneous Slew Rate
30
V/
µsC
L = 10pF, RL= 3kΩ - 7kΩ;
TA = +25°C
Transition Region Slew Rate
10
V/
µsC
L = 2500pF, RL= 3kΩ;
measured from +2V to -2V
or -2V to +2V
Output Enable Time
300
ns
Output Disable Time
1000
ns
POWER REQUIREMENTS
VCC Power Supply Current
3
6
mA
No load, TA= +25°C; VCC =
3.3V
8
mA
All transmitters RL =
3k
Ω
TA = +25°C
Shutdown Supply Current
0.010
5
µAV
CC = 3.3V, TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com