Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3243EBCY/TR Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP3243EBCY/TR
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3243EBCY/TR Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP3243EBCY/TR Datasheet HTML 8Page - Sipex Corporation SP3243EBCY/TR Datasheet HTML 9Page - Sipex Corporation SP3243EBCY/TR Datasheet HTML 10Page - Sipex Corporation SP3243EBCY/TR Datasheet HTML 11Page - Sipex Corporation SP3243EBCY/TR Datasheet HTML 12Page - Sipex Corporation SP3243EBCY/TR Datasheet HTML 13Page - Sipex Corporation SP3243EBCY/TR Datasheet HTML 14Page - Sipex Corporation SP3243EBCY/TR Datasheet HTML 15Page - Sipex Corporation SP3243EBCY/TR Datasheet HTML 16Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Date: 6/2/04
SP3223EB/3243EB +3.0V to +5.5V RS-232 Transceivers
© Copyright 2004 Sipex Corporation
12
Receivers are active when the AUTO ON-LINE®
circuitry is enabled or when in shutdown.
During the shutdown, the receivers will continue
to be active. If there is no activity present at the
receivers for a period longer than 100
µs or when
SHUTDOWN is enabled, the device goes into a
standby mode where the circuit draws 1
µA.
Driving EN to a logic HIGH forces the outputs of
the receivers into high-impedance. The truth
table logic of the SP3223EB and SP3243EB driver
and receiver outputs can be found in Table 2.
The SP3243EB includes an additional non-in-
verting receiver with an output R2OUT. R2OUT
is an extra output that remains active and moni-
tors activity while the other receiver outputs are
forced into high impedance. This allows Ring
Indicator (RI) from a peripheral to be monitored
without forward biasing the TTL/CMOS inputs
of the other devices connected to the receiver
outputs.
Since receiver input is usually from a transmis-
sion line where long cable lengths and system
interference can degrade the signal, the inputs
have a typical hysteresis margin of 300mV. This
ensures that the receiver is virtually immune to
noisy transmission lines. Should an input be left
unconnected, an internal 5K
Ω pulldown resistor
to ground will commit the output of the receiver
to a HIGH state.
Charge Pump
The charge pump is a Sipex–patented design
(U.S. 5,306,954) and uses a unique approach
compared to older less–efficient designs. The
charge pump still requires four external
capacitors, but uses a four–phase voltage
shifting technique to attain symmetrical 5.5V
power supplies.
The internal power supply
consists of a regulated dual charge pump that
provides output voltages 5.5V regardless of the
input voltage (VCC) over the +3.0V to +5.5V
range. This is important to maintain compliant
RS-232 levels regardless of power supply
fluctuations.
The charge pump operates in a discontinuous
mode using an internal oscillator. If the output
voltages are less than a magnitude of 5.5V, the
charge pump is enabled. If the output voltages
exceed a magnitude of 5.5V, the charge pump is
disabled. This oscillator controls the four phases
of the voltage shifting. A description of each
phase follows.
Phase 1
— VSS charge storage — During this phase of
the clock cycle, the positive side of capacitors
C1 and C2 are initially charged to VCC. Cl+ is
then switched to GND and the charge in C1– is
transferred to C2–. Since C2+ is connected to
VCC, the voltage potential across capacitor C2 is
now 2 times VCC.
Phase 2
— VSS transfer — Phase two of the clock
connects the negative terminal of C2 to the VSS
storage capacitor and the positive terminal of C2
to GND. This transfers a negative generated
voltage to C3. This generated voltage is
regulated to a minimum voltage of -5.5V.
Simultaneous with the transfer of the voltage to
C3, the positive side of capacitor C1 is switched
to VCC and the negative side is connected to
GND.
Phase 3
— VDD charge storage — The third phase of the
clock is identical to the first phase — the charge
transferred in C1 produces –VCC in the negative
terminal of C1, which is applied to the negative
side of capacitor C2. Since C2+ is at VCC, the
voltage potential across C2 is 2 times VCC.
Phase 4
— VDD transfer — The fourth phase of the clock
connects the negative terminal of C2 to GND,
and transfers this positive generated voltage
across C2 to C4, the VDD storage capacitor. This
voltage is regulated to +5.5V. At this voltage,
the internal oscillator is disabled. Simultaneous
with the transfer of the voltage to C4, the
positive side of capacitor C1 is switched to VCC
and the negative side is connected to GND,
allowing the charge pump cycle to begin again.
The charge pump cycle will continue as long as
the operational conditions for the internal
oscillator are present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com