Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3232EBEN/TR Datasheet(PDF) 20 Page - Sipex Corporation

Part # SP3232EBEN/TR
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3232EBEN/TR Datasheet(HTML) 20 Page - Sipex Corporation

Back Button SP3232EBEN/TR Datasheet HTML 12Page - Sipex Corporation SP3232EBEN/TR Datasheet HTML 13Page - Sipex Corporation SP3232EBEN/TR Datasheet HTML 14Page - Sipex Corporation SP3232EBEN/TR Datasheet HTML 15Page - Sipex Corporation SP3232EBEN/TR Datasheet HTML 16Page - Sipex Corporation SP3232EBEN/TR Datasheet HTML 17Page - Sipex Corporation SP3232EBEN/TR Datasheet HTML 18Page - Sipex Corporation SP3232EBEN/TR Datasheet HTML 19Page - Sipex Corporation SP3232EBEN/TR Datasheet HTML 20Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Date:02/27/05
SP3222EB/3232EB True +3.0 to +5.5V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
20
Part Number
Temperature Range
Package Type
SP3222EBCA .......................................... 0˚C to +70˚C .......................................... 20-Pin SSOP
SP3222EBCA/TR ..................................... 0˚C to +70˚C .......................................... 20-Pin SSOP
SP3222EBCP .......................................... 0˚C to +70˚C ............................................ 18-Pin PDIP
SP3222EBCT ........................................... 0˚C to +70˚C ........................................ 18-Pin WSOIC
SP3222EBCT/TR ..................................... 0˚C to +70˚C ........................................ 18-Pin WSOIC
SP3222EBCY .......................................... 0˚C to +70˚C ........................................ 20-Pin TSSOP
SP3222EBCY/TR ..................................... 0˚C to +70˚C ........................................ 20-Pin TSSOP
SP3222EBEA .......................................... -40˚C to +85˚C ........................................ 20-Pin SSOP
SP3222EBEA/TR .................................... -40˚C to +85˚C ........................................ 20-Pin SSOP
SP3222EBEP .......................................... -40˚C to +85˚C .......................................... 18-Pin PDIP
SP3222EBET .......................................... -40˚C to +85˚C ...................................... 18-Pin WSOIC
SP3222EBET/TR .................................... -40˚C to +85˚C ...................................... 18-Pin WSOIC
SP3222EBEY .......................................... -40˚C to +85˚C ...................................... 20-Pin TSSOP
SP3222EBEY/TR .................................... -40˚C to +85˚C ...................................... 20-Pin TSSOP
SP3232EBCA .......................................... 0˚C to +70˚C .......................................... 16-Pin SSOP
SP3232EBCA/TR ..................................... 0˚C to +70˚C .......................................... 16-Pin SSOP
SP3232EBCP .......................................... 0˚C to +70˚C ............................................ 16-Pin PDIP
SP3232EBCT ........................................... 0˚C to +70˚C ........................................ 16-Pin WSOIC
SP3232EBCT/TR ..................................... 0˚C to +70˚C ........................................ 16-Pin WSOIC
SP3232EBCN .......................................... 0˚C to +70˚C ......................................... 16-Pin nSOIC
SP3232EBCN/TR .................................... 0˚C to +70˚C ......................................... 16-Pin nSOIC
SP3232EBCY .......................................... 0˚C to +70˚C ........................................ 16-Pin TSSOP
SP3232EBCY/TR ..................................... 0˚C to +70˚C ........................................ 16-Pin TSSOP
SP3232EBEA .......................................... -40˚C to +85˚C ........................................ 16-Pin SSOP
SP3232EBEA/TR .................................... -40˚C to +85˚C ........................................ 16-Pin SSOP
SP3232EBEP .......................................... -40˚C to +85˚C .......................................... 16-Pin PDIP
SP3232EBET .......................................... -40˚C to +85˚C ...................................... 16-Pin WSOIC
SP3232EBET .......................................... -40˚C to +85˚C ...................................... 16-Pin WSOIC
SP3232EBEN ......................................... -40˚C to +85˚C ....................................... 16-Pin nSOIC
SP3232EBEN/TR .................................... -40˚C to +85˚C ....................................... 16-Pin nSOIC
SP3232EBEY .......................................... -40˚C to +85˚C ...................................... 16-Pin TSSOP
SP3232EBEY/TR .................................... -40˚C to +85˚C ...................................... 16-Pin TSSOP
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION
/TR = Tape and Reel
Pack quantity is 1,500 for WSOIC, SSOP or 20 pin TSSOP and 2,500 for NSOIC or 16 pin TSSOP.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP3232EBEN/TR = standard; SP3232EBEN-L/TR = lead free
CLICK HERE TO ORDER SAMPLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com