Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP487E Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP487E
Description  Enhanced Quad RS-485/RS-422 Line Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP487E Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP487E Datasheet HTML 2Page - Sipex Corporation SP487E Datasheet HTML 3Page - Sipex Corporation SP487E Datasheet HTML 4Page - Sipex Corporation SP487E Datasheet HTML 5Page - Sipex Corporation SP487E Datasheet HTML 6Page - Sipex Corporation SP487E Datasheet HTML 7Page - Sipex Corporation SP487E Datasheet HTML 8Page - Sipex Corporation SP487E Datasheet HTML 9Page - Sipex Corporation SP487E Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
SP486E/487EDS/06
SP486E/487E Enhanced Quad RS-485/RS-422 Line Drivers
© Copyright 2000 Sipex Corporation
3V
0V
5V
VOH
0V
VO
Output normally low
F = 1MHZ: tr < 10ns: tf < 10ns
tZL
tLZ
EN
VOL
1.5V
1.5V
2.3V
A, B
0.5V
tZH
2.3V
0.5V
tHZ
Output normally high
Figure 5. Driver Enable/Disable Timing
R
RC
C
C
CS
S
R
RS
S
SW1
SW1
SW2
SW2
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2
Figure 6. ESD Test Circuit for Human Body Model
R
RS
S and
and R
RV
V add up to 330
add up to 330
Ω
Ω ffor IEC1000-4-2.
or IEC1000-4-2.
RS and RV add up to 330Ω for IEC1000-4-2.
Contact-Discharge Module
Contact-Discharge Module
R
RVV
R
RC
C
C
CSS
R
RSS
SW1
SW1
SW2
SW2
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2
RV
Contact-Discharge Module
Figure 7. ESD Test Circuit for IEC1000-4-2
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com