Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1386S Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY7C1386S
Description  18-Mbit (512 K 횞 36) Pipelined DCD Sync SRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1386S Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY7C1386S Datasheet HTML 9Page - Cypress Semiconductor CY7C1386S Datasheet HTML 10Page - Cypress Semiconductor CY7C1386S Datasheet HTML 11Page - Cypress Semiconductor CY7C1386S Datasheet HTML 12Page - Cypress Semiconductor CY7C1386S Datasheet HTML 13Page - Cypress Semiconductor CY7C1386S Datasheet HTML 14Page - Cypress Semiconductor CY7C1386S Datasheet HTML 15Page - Cypress Semiconductor CY7C1386S Datasheet HTML 16Page - Cypress Semiconductor CY7C1386S Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
CY7C1386S
Document Number: 001-43823 Rev. *E
Page 13 of 22
Switching Waveforms
Figure 3. Read Cycle Timing [18]
tCYC
tCL
CLK
ADSP
tADH
tADS
ADDRESS
tCH
OE
ADSC
CE
tAH
tAS
A1
tCEH
tCES
GW, BWE,BW
Data Out (DQ)
High-Z
tDOH
tCO
ADV
tOEHZ
tCO
Single READ
BURST READ
tOEV
tOELZ
tCHZ
Burst wraps around
to its initial state
tADVH
tADVS
tWEH
tWES
tADH
tADS
Q(A2)
Q(A2 + 1)
Q(A2 + 2)
Q(A1)
Q(A2)
Q(A2 + 1)
Q(A3)
Q(A2 + 3)
A2
A3
Deselect
cycle
Burst continued with
new base address
ADV suspends burst
DON’T CARE
UNDEFINED
X
CLZ
t
Note
18. On this diagram, when CE is LOW, CE1 is LOW, CE2 is HIGH and CE3 is LOW. When CE is HIGH: CE1 is HIGH or CE2 is LOW or CE3 is HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com