Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP489A Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP489A
Description  High Speed Quad RS-485/RS-422 Line Receivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP489A Datasheet(HTML) 3 Page - Sipex Corporation

  SP489A Datasheet HTML 1Page - Sipex Corporation SP489A Datasheet HTML 2Page - Sipex Corporation SP489A Datasheet HTML 3Page - Sipex Corporation SP489A Datasheet HTML 4Page - Sipex Corporation SP489A Datasheet HTML 5Page - Sipex Corporation SP489A Datasheet HTML 6Page - Sipex Corporation SP489A Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SP488A/489ADS/07
SP488A/489A High Speed Quad RS-485/RS-422 Line Receivers
© Copyright 2000 Sipex Corporation
3
AC PARAMETERS
V
CC = 5V±5%; typicals at 25°C; 0°C ≤ TA ≤ +70°C unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
PROPAGATION DELAY
Receiver Input to Output
C
L = 15pF; Figure 1, 3
Low to HIGH (t
PLH)
TBD
ns
High to LOW (t
PHL)
TBD
ns
Differential Receiver Skew (t
SKD)
TBD
ns
Receiver Rise Time (t
R)
10% to 90%
SP488A
TBD
ns
SP489A
TBD
ns
Receiver Fall Time (t
F)
90% to 10%
SP488A
TBD
ns
SP489A
TBD
ns
RECEIVER ENABLE
To Output HIGH
TBD
ns
C
L = 15pF; Figures 2 and 4
(S2 closed)
To Output LOW
TBD
ns
CL = 15pF;
Figures 2 and 4
(S1 closed)
RECEIVER DISABLE
From Output LOW
TBD
ns
CL = 15pF;
Figures 2 and 4
(S1 closed)
From Output HIGH
TBD
ns
CL = 15pF;
Figures 2 and 4
(S2 closed)
Figure 2. Receiver Enable/Disable Timing
3V
0V
5V
VOH
0V
Output normally low
F = 1MHZ: tr < 10ns: tf < 10ns
tZL
tLZ
EN
VOL
1.5V
1.5V
1.5V
0.5V
1.5V
0.5V
Output normally high
RO
tZH
RO
tHZ
Figure 1. Receiver Propagation Delays
F = 1MHZ: tr < 10ns: tf < 10ns
tPHL
tPLH
VOL
0V
0V
1.5V
RO
VOH
1.5V
–VOD
+VOD
Input A–B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com