Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP491E Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP491E
Description  Enhanced Full Duplex RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP491E Datasheet(HTML) 5 Page - Sipex Corporation

  SP491E Datasheet HTML 1Page - Sipex Corporation SP491E Datasheet HTML 2Page - Sipex Corporation SP491E Datasheet HTML 3Page - Sipex Corporation SP491E Datasheet HTML 4Page - Sipex Corporation SP491E Datasheet HTML 5Page - Sipex Corporation SP491E Datasheet HTML 6Page - Sipex Corporation SP491E Datasheet HTML 7Page - Sipex Corporation SP491E Datasheet HTML 8Page - Sipex Corporation SP491E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
SP490EDS/14
SP490E Enhanced Full Duplex RS-485 Transceivers
© Copyright 2000 Sipex Corporation
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
V
CC....................................................................................................+7V
Input Voltages
Logic...................................................-0.5V to (V
CC+0.5V)
Drivers................................................-0.5V to (V
CC+0.5V)
Receivers..................................................................
±14V
Output Voltages
Logic...................................................-0.5V to (V
CC+0.5V)
Drivers......................................................................
±14V
Receivers...........................................-0.5V to (V
CC+0.5V)
Storage Temperature......................................................-65˚C to +150
Power Dissipation.....................................................................1000mW
SPECIFICATIONS
T
MIN to TMAX and VCC = 5V ± 5% unless otherwise noted.
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
SP491E DRIVER
DC Characteristics
Differential Output Voltage
GND
V
CC
Volts
Unloaded; R =
∞ ; see Figure 1
Differential Output Voltage
2
V
CC
Volts
With Load; R = 50
Ω; (RS-422);
see Figure 1
Differential Output Voltage
1.5
V
CC
Volts
With Load; R = 27
Ω; (RS-485);see Figure 1
Change in Magnitude of Driver
Differential Output Voltage for
Complimentary States
0.2
Volts
R = 27
Ω or R = 50Ω; see Figure 1
Driver Common-Mode
Output Voltage
3
Volts
R = 27
Ω or R = 50Ω; see Figure 1
Input HIGH Voltage
2.0
Volts
Applies to D, REB, DE
Input LOW Voltage
0.8
Volts
Applies to D, REB, DE
Input Current
±10
µA
Applies to D, REB, DE
Driver Short-Circuit Current
V
OUT = HIGH
250
mA
-7V
≤ V
O ≤ 10V
V
OUT = LOW
250
mA
-7V
≤ V
O ≤ 10V
SP491E DRIVER
AC Characteristics
Maximum Data Rate
10
Mbps
R
DIFF = 54Ω, CL1 = CL2 = 100pF
Driver Input to Output
20
30
60
ns
t
PLH; RDIFF = 54Ω, CL1 = CL2 = 100pF;
see Figures 3 and 5
Driver Input to Output
20
30
60
ns
t
PHL; RDIFF = 54Ω, CL1 = CL2 = 100pF;
see Figures 3 and 5
Driver Skew
5
10
ns
see Figures 3 and 5,
t
SKEW = | tDPLH - tDPHL |
Driver Rise or Fall Time
3
15
40
ns
From 10% to 90%; R
DIFF = 54Ω,
C
L1 = CL2 = 100pF; see Figures 3 and 5
Driver Enable to Output HIGH
40
70
ns
C
L1 = CL2 = 100pF; see Figures
4 and 6; S
2 closed
Driver Enable to Output LOW
40
70
ns
C
L1 = CL2 = 100pF; see Figures
4 and 6; S
1 closed
Driver Disable Time from LOW
40
70
ns
C
L1 = CL2 = 15pF; see Figures
4 and 6; S
1 closed
Driver Disable Time from HIGH
40
70
ns
C
L1 = CL2 = 15pF; see Figures
4 and 6; S
2 closed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com