Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP502 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP502
Description  Multi-Mode Serial Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP502 Datasheet(HTML) 5 Page - Sipex Corporation

  SP502 Datasheet HTML 1Page - Sipex Corporation SP502 Datasheet HTML 2Page - Sipex Corporation SP502 Datasheet HTML 3Page - Sipex Corporation SP502 Datasheet HTML 4Page - Sipex Corporation SP502 Datasheet HTML 5Page - Sipex Corporation SP502 Datasheet HTML 6Page - Sipex Corporation SP502 Datasheet HTML 7Page - Sipex Corporation SP502 Datasheet HTML 8Page - Sipex Corporation SP502 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
Rev. 7/21/03
SP502 Multi-Mode Serial Transceiver
© Copyright 2003 Sipex Corporation
AC CHARACTERISTICS
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
SINGLE–ENDED MODE
RS-232
Driver Propagation Delay
Input = 0.8V to 2.0V; 60kHz
t
PHL
1.7
µs
Unloaded
t
PLH
1.1
µs
Unloaded
t
PHL
2.0
8.0
µs
Loaded with 3kΩ and
2,500pF
t
PLH
2.0
8.0
µs
Loaded with 3kΩ and
2,500pF
Receiver Propagation Delay
Input = 0V to 5.0V; 60kHz;
Note 1
t
PHL
1.0
µs
t
PLH
1.0
µs
RS-423
Driver Propagation Delay
Input = 0.8V to 2.0V; 60kHz
t
PHL
2.0
8.0
µs
Loaded with 450Ω
t
PLH
2.0
8.0
µs
Loaded with 450Ω
Receiver Propagation Delay
Input = -0.2V to 2.0V; ;
60kHz; Note 2
t
PHL
1.0
µs
t
PLH
1.0
µs
DIFFERENTIAL MODE
RS-485
Driver Propagation Delay
Input = 0V to 3.0V; 100kHz
Note 3
t
PHL
200
ns
Loaded with 54Ω
t
PLH
200
ns
Loaded with 54Ω
Receiver Propagation Delay
Input = a to GND;
B = -200mV to +200mV;
100kHz, Note 4
t
PHL
200
ns
t
PLH
200
ns
RS-422
Driver Propagation Delay
Input = 0V to 3.0V; 100kHz
Note 3
t
PHL
200
ns
Loaded with 100Ω
t
PLH
200
ns
Loaded with 100Ω
Receiver Propagation Delay
Input = a to GND;
B = -200mV to +200mV;
100kHz, Note 4
t
PHL
ns
t
PLH
ns
V.35
Driver Propagation Delay
Input = 0V to 3.0V; 100kHz
Note 3
t
PHL
200
ns
Loaded with 100Ω
t
PLH
200
ns
Loaded with 100Ω
Receiver Propagation Delay
Input = a to GND;
B = -200mV to +200mV;
100kHz, Note 4
t
PHL
200
ns
t
PLH
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com