Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS85 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54LS85
Description  4-Bit Magnitude Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS85 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54LS85 Datasheet HTML 1Page - National Semiconductor (TI) 54LS85 Datasheet HTML 2Page - National Semiconductor (TI) 54LS85 Datasheet HTML 3Page - National Semiconductor (TI) 54LS85 Datasheet HTML 4Page - National Semiconductor (TI) 54LS85 Datasheet HTML 5Page - National Semiconductor (TI) 54LS85 Datasheet HTML 6Page - National Semiconductor (TI) 54LS85 Datasheet HTML 7Page - National Semiconductor (TI) 54LS85 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From
To
Number of
RL e 2kX
Symbol
Parameter
Input
Output
Gate Levels
CL e 15 pF
CL e 50 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
Any A or B
A k B
336
42
Low-to-High Level Output
Data Input
A l Bns
A e B
4
40
40
tPHL
Propagation Delay Time
Any A or B
A k B
330
40
High-to-Low Level Output
Data Input
A l Bns
A e B
4
30
40
tPLH
Propagation Delay Time
A k B
A l B
1
22
26
ns
Low-to-High Level Output
or A e B
tPHL
Propagation Delay Time
A k B
A l B
1
17
26
ns
High-to-Low Level Output
or A e B
tPLH
Propagation Delay Time
A eBA e B
2
20
25
ns
Low-to-High Level Output
tPHL
Propagation Delay Time
A e BA e B
2
17
26
ns
High-to-Low Level Output
tPLH
Propagation Delay Time
A l B
A k B
1
22
26
ns
Low-to-High Level Output
or A e B
tPHL
Propagation Delay Time
A l B
A k B
1
17
26
ns
High-to-Low Level Output
or A e B
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com