Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO2FV/CE Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MCSO2FV/CE
Description  CMOS Oscillator Low Jitter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCSO2FV/CE Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MCSO2FV/CE Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
32kHz
<10MHz
10 ~ 20MHz
>20 ~ 160MHz
300μA
2mA
3mA
25mA
1mA
4mA
5mA
30mA
CMOS Oscillator -55+125°C Low Jitter
MCSO2F
17 Dec 2015
2011/65/EU
Open
‘1’ level
‘0’ level
Enabled
Enabled
High Impedance
Ordering Information
Standard. Optional - Please specify required code(s) when ordering
Packed in trays (128pcs/tray) or T&R 250 ~ 1,000pcs/reel
A 47nF ceramic capacitor must be connected between GND and V
DD
Features
Low jitter
Military temperature range -55+125°C option
Excellent shock & vibration resistance
Enable / disable tristate option (>500kHz)
Wide frequency range available
Specifications
* Frequency stability is inclusive of calibration @ 25°C, operating temperature range, sup-
ply voltage change, load change and ageing over 10 years.
Enable / Disable Function
Input (pad 1)
Output (pad 3)
Option
Codes
MCSO2F
Product
Parameters
MCSO2F:  10.0kHz ~ 20.0MHz
MCSO2FH:  20.0 ~ 225MHz
Product name + option codes + frequency
eg: MCSO2FV/CE 10.0MHz 3.3V ±100ppm -55 to +125°C Enable / disable
For frequencies 20.0MHz add an 'H' to the product name
eg: MCSO2FHW/TB 32.0MHz 2.5V ±50ppm -40 to +85°C no E/D
Option code X (eg MCSO2F/X) denotes a custom specification.
Supply current
Freq / Supply
2.5V
3.3V
Maximum values, no load.
Frequency range:10.0kHz ~ 225MHz
Supply voltage (V
DD):
+3.3V (±5%)
V
+2.5V (±5%)
W
Frequency stability*:
±100ppm
±50ppm
T
tighter stabilities on request
specify
Operating temperature range:
0 to +70°C
A
-40 to +85°C
B
-55 to +125°C
C
Storage temperature range:
-55 to +125°C
Supply current:
See table
Driving ability:
CMOS
Load:
3pF min, 47pF max
Logic levels:
‘0’ level = +0.4V max
‘1’ level = V
DD-0.5V min
Start up time:
5ms max
Waveform symmetry:
40:60 max @ 50%V
DD
Jitter RMS (1):
< 2ps (≤20.0MHz)
< 10ps (>20.0MHz)
Rise / fall times:
7ns max ≤20MHz
3ns max >20MHz
150ns max@ 32.768kHz
Enable / disable function:
None (pad 1 NC)
Tristate* (control via pad 1)
E
* not available under 500kHz
Shock resistance:
5,000G, 0.3ms, ½ sine
Vibration resistance:
20G rms 10.0 ~ 2,000Hz
Soldering condition:
260°C, 10 sec max
12
43
TOP VIEW
5.00
±0.01
3.20
±0.01
1.70
(max)
2.35
1.60
1.00
1.60
1.00
1.50
1.50
2.70
SOLDER PAD LAYOUT
12
43


Similar Part No. - MCSO2FV/CE

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO2FV GOLLEDGE-MCSO2FV Datasheet
551Kb / 4P
3.3V Low Jitter Oscillator with - 55125째C Temperature Range
More results

Similar Description - MCSO2FV/CE

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO1F GOLLEDGE-MCSO1F Datasheet
59Kb / 1P
5V CMOS Oscillator Low Jitter
MCSO1FV GOLLEDGE-MCSO1FV Datasheet
60Kb / 1P
3.3V CMOS Oscillator Low Jitter
MCSOF GOLLEDGE-MCSOF Datasheet
64Kb / 1P
5V CMOS Oscillator Low Jitter
MCSOFV GOLLEDGE-MCSOFV Datasheet
65Kb / 1P
3.3V CMOS Oscillator Low Jitter
MCSOF GOLLEDGE-MCSOF_16 Datasheet
147Kb / 1P
CMOS Oscillator Low Jitter
MCSO1F GOLLEDGE-MCSO1F_16 Datasheet
143Kb / 1P
CMOS Oscillator Low Jitter
logo
Micrel Semiconductor
DSC2010 MICREL-DSC2010 Datasheet
530Kb / 6P
Low-Jitter Configurable CMOS Oscillator
DSC1101 MICREL-DSC1101 Datasheet
697Kb / 7P
Low-Jitter Precision CMOS Oscillator
logo
Golledge Electronics Lt...
MCSO1FHW GOLLEDGE-MCSO1FHW Datasheet
551Kb / 4P
2.5V CMOS Oscillator with Low Jitter
logo
Microchip Technology
DSC1101 MICROCHIP-DSC1101 Datasheet
408Kb / 30P
Low-Jitter Precision CMOS Oscillator
2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com