Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP503EM Datasheet(PDF) 29 Page - Sipex Corporation

Part # SP503EM
Description  Multiprotocol Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP503EM Datasheet(HTML) 29 Page - Sipex Corporation

Back Button SP503EM Datasheet HTML 21Page - Sipex Corporation SP503EM Datasheet HTML 22Page - Sipex Corporation SP503EM Datasheet HTML 23Page - Sipex Corporation SP503EM Datasheet HTML 24Page - Sipex Corporation SP503EM Datasheet HTML 25Page - Sipex Corporation SP503EM Datasheet HTML 26Page - Sipex Corporation SP503EM Datasheet HTML 27Page - Sipex Corporation SP503EM Datasheet HTML 28Page - Sipex Corporation SP503EM Datasheet HTML 29Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
29
Date: 7/29/04
SP503 Multiprotocol Transceiver
© Copyright 2004 Sipex Corporation
ORDERING INFORMATION
Part Number
Top Mark
Temperature Range
Package Types
SP503CF ............. SP503CFYYWW......0°C to +70°C ............................ 80–pin JEDEC (MS-022 BC) MQFP
SP503EF.............SP503EFYYWW......-40°C to +85°C .......................... 80–pin JEDEC (MS-022 BC) MQFP
SP503EM.............SP503EMYYWW......-40°C to +85°C .......................... 80–pin JEDEC (MS-022 BC) LQFP
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
DATE
REVISION
DESCRIPTION
1/27/04
A
Implemented tracking revision.
5/6/04
B
Added Top Mark to ordering information.
7/29/04
C
Included LQFP package option.
REVISION HISTORY
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP503EF = standard; SP503EF-L = lead free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com