Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO2EU/WE Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MCSO2EU/WE
Description  CMOS Oscillator Ultra-low Power
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCSO2EU/WE Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MCSO2EU/WE Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
17 Dec 2015
Open
‘1’ level
‘0’ level
Enabled
Enabled
High Impedance
Option
Codes
MCSO2E
Product
Parameters
CMOS Oscillator -55+175°C Ultra-low Power
Product name + option codes + frequency
eg: MCSO2EU/VDE 32.768kHz 3.3V ±300ppm -55 to +175°C Enable/disable
MCSO2EU/WE 32.768kHz 2.5V ±150ppm -55 to +150°C no E/D
Option code X (eg MCSO2EU/X) denotes a custom specification.
Ordering Information
Standard. Optional - Please specify required code(s) when ordering
Packed in trays (128pcs/tray), or T&R 250 ~ 1,000pcs / reel
A 47nF ceramic capacitor must be connected between GND and V
DD
Features
Suitable for Avionics, Down-hole, Geothermal etc
Ultra-low current consumption <20μA
Extreme temperature ranges up to 175°C
High stability & low ageing under extremes
High shock & vibration resistance
* Frequency stability is inclusive of calibration @ 25°C, operating temperature range, sup-
ply voltage change, load change and long term ageing (1000h @ T
MAX).
Enable / Disable Function
Input (pad 1)
Output (pad 3)
2011/65/EU
MCSO2EU
Specifications
Frequency range:
32.768kHz
10.0 ~ 50.0kHz
Supply voltage (V
DD):
+3.3V (±5%)
V
+2.5V (±5%)
W
Frequency stability (max)*:
±100ppm over -55 to +125°C
C
±150ppm over -55 to +150°C
E
±300ppm over -55 to +175°C
D
Storage temperature range:
-65 to +125°C
Supply current:
20μA max
(load 10pF)
Driving ability:
CMOS
Load:
3pF min, 27pF max
Logic levels:
‘0’ level = +0.4V max
‘1’ level = V
DD-0.5V min
Start up time:
5ms max
Waveform symmetry:
40:60 max @ 50%V
DD
Rise / fall times
25ns max @ 32.768kHz
(load 15pF 20%~80%)
Enable / disable function:
None (pad 1 NC)
Tristate* (control via pad 1)
E
Shock resistance:
10,000G, 0.3ms, ½ sine
Vibration resistance:
40G rms 10.0 ~ 2,000Hz
Soldering condition:
260°C, 10 sec max
12
43
TOP VIEW
5.00
±0.01
3.20
±0.01
1.70
(max)
2.35
1.60
1.00
1.60
1.00
1.50
1.50
2.70
SOLDER PAD LAYOUT
12
43


Similar Part No. - MCSO2EU/WE

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
MCSO2EU MICROCRYSTAL-MCSO2EU Datasheet
348Kb / 2P
Ultra low consumption 32.768 kHz
logo
Golledge Electronics Lt...
MCSO2EUV GOLLEDGE-MCSO2EUV Datasheet
547Kb / 4P
Ultra Low Power 3.3V Oscillator
MCSO2EUW GOLLEDGE-MCSO2EUW Datasheet
547Kb / 4P
Ultra Low Power 2.5V Oscillator
logo
MICORO CRYSTAL SWITZERL...
MCSO2EU MICROCRYSTAL-MCSO2EU_17 Datasheet
347Kb / 2P
Downhole and Well drilling equipments
More results

Similar Description - MCSO2EU/WE

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
OV1564C2 GOLLEDGE-OV1564C2 Datasheet
59Kb / 1P
CMOS Oscillator Low Power
GXO-4301 GOLLEDGE-GXO-4301 Datasheet
90Kb / 2P
Low Power CMOS Oscillator
GXO-4301 GOLLEDGE-GXO-4301_08 Datasheet
85Kb / 2P
Low Power CMOS Oscillator
OV7604C7 GOLLEDGE-OV7604C7 Datasheet
51Kb / 1P
CMOS Oscillator Low Power
MCSO1EL GOLLEDGE-MCSO1EL Datasheet
138Kb / 1P
CMOS Oscillator Low Power
OV7604C7 GOLLEDGE-OV7604C7_16 Datasheet
124Kb / 1P
CMOS Oscillator Low Power
logo
Micrel Semiconductor
DSC1033 MICREL-DSC1033 Datasheet
819Kb / 7P
Low-Power CMOS Oscillator
DSC1028 MICREL-DSC1028 Datasheet
819Kb / 7P
Low-Power CMOS Oscillator
DSC1025 MICREL-DSC1025 Datasheet
821Kb / 7P
Low-Power CMOS Oscillator
DSC1018 MICREL-DSC1018 Datasheet
819Kb / 7P
Low-Power CMOS Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com