Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCD370/ERFN Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # HCD370/ERFN
Description  OCXO Sine Output Low Height
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HCD370/ERFN Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  HCD370/ERFN Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
01 May 1998
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
OCXO Sine Output Low Height
HCD370
27 Feb 2013
Features
Low height compact package
Temperature stability down to 5ppb
Single 12V supply (15v or 18V optional)
Standard European IEC CO-08 pin-out
Custom options available
Part No, or product name + option codes + frequency
eg: HCD370/DPFN 10.0MHz
HCD370/ERFN 5.0MHz
Option code X (eg HCD370/X) denotes a custom specification.
Ordering Information
Specifications
Option
Codes
HCD370
Product
Parameters
Standard. Optional - Please specify required code(s) when ordering
36.10 (max)
15.5
(max)
8.90
27.20 (max)
1
2
34
5
0.80Ø
5.00
PIN
1
2
3
4
5
CONNECTION
Freq adjustment
Ref voltage out
Supply
RF output
Ground & case
BOTTOM VIEW
8.90
25.40
0.50
17.80
15.00
2011/65/EU
Frequency range:
5.0 ~ 20.0MHz
Ageing per day (at despatch):
< 1x10-9

D
< 5x10-10

E
< 2x10-10

F
Frequency stability:
< 5x10-8 per year

< 1x10-9 per 10% change in V
DD
Temperature stability:
< 2x10-8

P
< 1x10-8

R
< 5x10-9

S
< 3x10-9

T
Operating temperature range:
0 to +50°C

A
-10 to +60°C

C
-20 to +70°C

F
-40 to +70°C

G
Storage temperature range:
-40 to +90°C
Output waveform:
Sine wave, 7dBm (±2dBm) into 50Ω
Frequency adjustment:
±5x10-7 (typ) over +0.5 to +7.0V
(sufficient for 10 years ageing min)
Stabilised +7.0V supply provided
Supply voltage (V
DD):
+12V (±0.5V)

N
+15V (±0.5V)

P
+18V (±0.5V)

R
Power consumption:
5.0W max at switch on
1.2W typ when stabilised at 25°C
Warm up:
< 1x10-8 after 10mins at +20°C
Allan deviation (ADEV), 1 sec:
< 1x10-12 (10.0MHz)

Phase noise (@ 10.0MHz):
< -95 dBc/Hz @ 1Hz
< -130 dBc/Hz @ 10Hz
< -140 dBc/Hz @ 100Hz
< -150 dBc/Hz @ 1kHz
< -155 dBc/Hz @ 10kHz
< -155 dBc/Hz @ 100kHz
Harmonics:
< -30dB wrt carrier


Similar Part No. - HCD370/ERFN

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD370/ERFN GOLLEDGE-HCD370/ERFN Datasheet
55Kb / 1P
OCXO SINE OUTPUT
More results

Similar Description - HCD370/ERFN

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD360 GOLLEDGE-HCD360 Datasheet
62Kb / 1P
OCXO Sine Output
HCD170 GOLLEDGE-HCD170 Datasheet
49Kb / 1P
OCXO Sine Output
HCD210 GOLLEDGE-HCD210 Datasheet
65Kb / 1P
OCXO Sine Output
HCD220 GOLLEDGE-HCD220 Datasheet
65Kb / 1P
OCXO Sine Output
HCD370 GOLLEDGE-HCD370 Datasheet
55Kb / 1P
OCXO SINE OUTPUT
HCD360 GOLLEDGE-HCD360_15 Datasheet
134Kb / 1P
OCXO Sine Output
HCD380 GOLLEDGE-HCD380 Datasheet
114Kb / 1P
OCXO Sine Output VHF
MCOCXOVS GOLLEDGE-MCOCXOVS_15 Datasheet
155Kb / 2P
5V OCXO Sine Output
MCOCXOWS GOLLEDGE-MCOCXOWS_15 Datasheet
149Kb / 2P
3.3V OCXO Sine Output
HCD220 GOLLEDGE-HCD220_18 Datasheet
575Kb / 4P
OCXO Sine Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com