Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCD381 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # HCD381
Description  OCXO CMOS Output VHF
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HCD381 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  HCD381 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
14 Jan 2016
OCXO CMOS Output VHF
HCD381
Features
-160dBc/Hz noise floor
Frequencies up to 100MHz
No multiplier
Standard European IEC CO-08 pin-out
Custom options available
Part No, or product name + option codes + frequency
eg: HCD381/BPCN 100MHz
HCD381/CRCN 50.0MHz
Option code X (eg HCD381/X) denotes a custom specification.
Ordering Information
Specifications
Option
Codes
HCD381
Product
Parameters
Standard. Optional - Please specify required code(s) when ordering
2011/65/EU
36.10 (max)
15.00
(max)
8.90
27.20 (max)
1
2
34
5
0.80Ø
5.00
PIN
1
2
3
4
5
CONNECTION
Freq adjustment
Ref. voltage out
Supply
RF output
Ground & case
BOTTOM VIEW
8.90
25.40
0.50
15.00
17.80
Frequency range:
30.0 ~ 100MHz
Ageing per day (at despatch):
< 5x10-9

B
< 3x10-9

C
< 1x10-9

D
Frequency stability:
< 1 to 5x10-7 per year

< 5x10-9 per 10% change in V
DD
Temperature stability:
< 5x10-8

N
< 2x10-8

P
< 1x10-8

R
Operating temperature range:
0 to +50°C

A
-10 to +60°C

C
-20 to +70°C

F
Storage temperature range:
-40 to +90°C
Output waveform:
CMOS / TTL compatible
Frequency adjustment:
±5x10-7 (typ) over +0.5 to +6.0V
(sufficient for 10 years ageing min)
Stabilised +6.0V supply provided
Supply voltage (V
DD):
+9V (±0.5V)

M
+12V (±0.5V)

N
+15V (±0.5V)

P
+18V (±0.5V)

R
Power consumption:
4.5W max at switch on
1.0W typ when stabilised at +25°C
Warm up:
< 5x10-8 after 10mins at +25°C
Allan deviation (ADEV), 1 sec:
< 2x10-11
Phase noise (@ 50.0MHz):
< -75 dBc/Hz @ 1Hz
< -105 dBc/Hz @ 10Hz
< -135 dBc/Hz @ 100Hz
< -150 dBc/Hz @ 1kHz
< -160 dBc/Hz @ 10kHz
< -160 dBc/Hz @ 50kHz
Shock:
IEC 68-2-27 Test Ea
50G for 11ms
Vibration:
IEC 68-2-06 Test Fc
10-55Hz, 1.5mm. 55-500Hz, 10G
Some combinations of frequency and specification may not be avail-
able, or may be subject to extended leadtimes


Similar Part No. - HCD381

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD381 GOLLEDGE-HCD381 Datasheet
552Kb / 4P
Very High Frequency OCXO with Ultra-low Phase Noise and CMOS Output
HCD381 GOLLEDGE-HCD381_18 Datasheet
552Kb / 4P
Very High Frequency OCXO with Ultra-low Phase Noise and CMOS Output
More results

Similar Description - HCD381

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD371 GOLLEDGE-HCD371 Datasheet
123Kb / 1P
OCXO CMOS Output Low Height
HCD380 GOLLEDGE-HCD380 Datasheet
114Kb / 1P
OCXO Sine Output VHF
MCOCXO GOLLEDGE-MCOCXO_15 Datasheet
150Kb / 2P
12V OCXO CMOS Output
MCOCXOV GOLLEDGE-MCOCXOV_15 Datasheet
150Kb / 2P
5V OCXO CMOS Output
MCOCXOW GOLLEDGE-MCOCXOW_15 Datasheet
150Kb / 2P
3.3V OCXO CMOS Output
SCOCXOT GOLLEDGE-SCOCXOT_15 Datasheet
150Kb / 2P
12V OCXO CMOS Output Tight Stability
HCD331 GOLLEDGE-HCD331_18 Datasheet
552Kb / 4P
5V OCXO with CMOS Output
HCD371 GOLLEDGE-HCD371_18 Datasheet
545Kb / 4P
OCXO CMOS Output Low Height
MCOCXOW GOLLEDGE-MCOCXOW_18 Datasheet
556Kb / 5P
3.3V OCXO with CMOS Output
MCOCXO GOLLEDGE-MCOCXO_18 Datasheet
555Kb / 5P
12V OCXO CMOS Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com