Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTFL Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # HTFL
Description  3.3V CMOS TCXO Stratum 3
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HTFL Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  HTFL Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.3V CMOS TCXO Stratum 3
HTFL & HTVL
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
18 Oct 2010
Open
‘1’ level
‘0’ level
Enabled
Enabled
High Impedance
Features
3.3V Stratum 3 compliant (VC)TCXO
CMOS output
Suitable as SONET/SDH timing source
Excellent frequency stability
Low jitter
Product name + option codes + frequency
eg: HTFL/5F 19.440MHz ±1.0ppm, 0+70°C, TCXO no VC
HTVL/6E 44.7360MHz ±0.5ppm, -40+85°C, TCXO with VC
Option code X (eg HTVL/X) denotes a custom spec.
Ordering Information
Standard. Optional - Please specify required code(s) when ordering
Option
Codes
HTFL
HTVL
Product
Parameters
Specifications
Enable / Disable Function (HTFL)
Input (pin 1)
Output (pin 8)
2011/65/EU
Frequency range:
6.40 ~ 56.0MHz

Calibration tolerance:
±1.0ppm


Frequency stability:
±4.6ppm


(inclusive of calibration tolerance
temperature, voltage, load, 20years
ageing, shock & vibration)
Temperature range:
0 to +70°C

5
-40 to +85°C

6
Storage temperature range:
-55 to +125°C

Temperature stability:
±0.5ppm

E
±1.0ppm

F
other

specify
Supply voltage (V
DD):
+3.3V (±5%)

Supply current (6.4~52.0MHz):
10mA max

Driving ability:
15pF CMOS

Logic levels: ‘0’ level = 10%V
DD max

‘1’ level = 90%V
DD min

Output current:
‘0’ level = 4.0mA

‘1’ level = -4.0mA

Waveform symmetry:
45:55 max at 50%V
DD

Rise / fall time:
8ns max

Frequency adjustment:
None

±10ppm min, +1.65V ±1.35V
>100kΩ input impedance
±5% linearity
Enable / disable function:
None
Tristate (control via pin 1)
(V
IH=70%VDD min, VIL=30%VDD max)
Phase noise:
-50dBc/Hz typ @ 1Hz

-80dBc/Hz typ @ 10Hz

-110dBc/Hz typ @ 100Hz

-135dBc/Hz typ @ 1kHz

-150dBc/Hz typ @ 10kHz

-150dBc/Hz typ @ 100kHz

Period jitter RMS:
3ps max
Phase jitter RMS:
1.0ps max, 12kHz~f
o/2
3.0ps max, 10Hz~f
o/2
TDEV:
1.0ns max over 1 sec
2.0ns max over 4 sec


Similar Part No. - HTFL

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HTFL2-20.00M CONNOR-WINFIELD-HTFL2-20.00M Datasheet
117Kb / 2P
3.3V HCMOS TCXO 14 Pin DIP Crystal Oscillator
HTFL530 CONNOR-WINFIELD-HTFL530 Datasheet
103Kb / 2P
3.3V 14 Pin DIP LVCMOS TCXO Crystal Oscillator
HTFL530-001.544M CONNOR-WINFIELD-HTFL530-001.544M Datasheet
103Kb / 2P
3.3V 14 Pin DIP LVCMOS TCXO Crystal Oscillator
HTFL546 CONNOR-WINFIELD-HTFL546 Datasheet
208Kb / 2P
3.3V 14 PIN DIP HCMOS TCXO
HTFL546-20.48M CONNOR-WINFIELD-HTFL546-20.48M Datasheet
208Kb / 2P
3.3V 14 PIN DIP HCMOS TCXO
More results

Similar Description - HTFL

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HTF546 GOLLEDGE-HTF546 Datasheet
60Kb / 1P
5V HCMOS TCXO Stratum 3
logo
CTS Corporation
574 CTS-574 Datasheet
194Kb / 5P
Stratum 3 TCXO/TCVCXO
logo
List of Unclassifed Man...
E2747 ETC2-E2747 Datasheet
45Kb / 2P
STRATUM 3 TCXO
logo
Connor-Winfield Corpora...
T501 CONNOR-WINFIELD-T501 Datasheet
65Kb / 2P
3.3V Surface Mount 5x7mm Stratum 3 HCMOS TCXO T501
logo
Golledge Electronics Lt...
HTFH GOLLEDGE-HTFH Datasheet
160Kb / 1P
5V CMOS TCXO Stratum 3
OCXOWST GOLLEDGE-OCXOWST Datasheet
143Kb / 2P
3.3V OCXO CMOS Output Stratum 3
GTXO-C14T GOLLEDGE-GTXO-C14T Datasheet
547Kb / 4P
3.3 & 5V Stratum 3 CMOS TCXO
logo
Suntsu Electronics, Inc...
SST20C SUNTSU-SST20C Datasheet
415Kb / 3P
Metal Stratum 3 DIP CMOS (VC) TCXO
SSTFSC SUNTSU-SSTFSC Datasheet
447Kb / 3P
Metal Full Size Dip Stratum 3 CMOS (VC)TCXO
logo
ECS, Inc.
ECS-TXO53-S3 ECS-ECS-TXO53-S3 Datasheet
1Mb / 3P
CMOS TCXO/VC-TCXO Stratum 3
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com