Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCOCXOW/BV3 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MCOCXOW/BV3
Description  3.3V OCXO CMOS Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCOCXOW/BV3 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MCOCXOW/BV3 Datasheet HTML 1Page - Golledge Electronics Ltd MCOCXOW/BV3 Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
3.3V OCXO CMOS Output
MCOCXOW
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
21 Jul 2015
Features
Compact 14-pin DIL package (SMD optional)
3.3V supply voltage
CMOS compatible output
Very fast warmup
Low power consumption
Wide temperature range available
Option
Codes
MCOCXOW
Product
Parameters
Product name + option codes + frequency
eg: MCOCXOW/AR1 12.80MHz 0.2ppm 0+60°C
MCOCXOW/BV3 16.3840MHz 0.3ppm -20+60°C
Option code X (eg MCOCXOW/X) denotes a custom spec.
Ordering Information
Standard. Optional - Please specify required code(s) when ordering
Specifications
2011/65/EU
Product is NOT designed to withstand 260°C reflow processing
Frequency range:
10.0kHz ~ 54.0MHz
Frequency stability:
±0.5ppm max first year
±3.0ppm max in 10 years
±0.1ppm over V
DD ±0.15V
±0.01ppm over 10% change in load
Short term stability:
5x10-10, τ 0.1 to 30s
5x10-11 typ at 1s
Temperature stability:
±0.2ppm max, 0 to +60°C
A
±0.075ppm max, 0 to +60°C
TA
±0.3ppm max, -20 to +70°C
B
±0.15ppm max, -20 to +70°C
TB
±0.5ppm max, -40 to +85°C
C
±0.25ppm max, -40 to +85°C
TC
±0.7ppm max, -55 to +85°C
E
±0.3ppm max, -55 to +85°C
TE
Storage temperature range:
-55 to +125°C
Output waveform:
CMOS compatible
‘0’=+0.4V max, ‘1’=V
DD-0.5V min
40:60 max
Rise/fall times 7ns max (no load)
Load:
3pF min, 47pF max
Start up time:
5ms max
Frequency adjustment:
±3.0ppm min
Control voltage 0~3.3V, pin 1
V3
Variable resistor 0~10kΩ, pins 1 to 7
R1
None (int accuracy ±1.0ppm)
A
None (int accuracy ±0.5ppm)
B
Supply voltage (V
DD):
+3.3V (±0.15V)
Input current: 120mA max @ +25°C
170mA max @ -20°C
Warm up time (secs):
current 250mA max @ 25°C
30
to within ±0.1ppm @ 25°C
120
Phase noise (typ @ 10MHz):
-100dBc/Hz @ 10Hz
-130dBc/Hz @ 100Hz
-140dBc/Hz @ 1kHz
-145dBc/Hz @ 10kHz
Shock & vibration:
5,000G, 0.3ms ½-sine
10.0 ~ 2,000Hz, 20G
Package:
Through hole 14 pin DIL
SMD options 1 or 2

specify
7.80
±0.20
6.35
±0.50
0.80
0.46Ø
7.62
15.24
1
14
7
8
20.14
±0.08
12.52
±0.08
PIN
1
7
8
14
CONNECTION
Freq adjustment
or Ground
Ground
Output
Supply


Similar Part No. - MCOCXOW/BV3

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCOCXOW/BV3 GOLLEDGE-MCOCXOW/BV3 Datasheet
60Kb / 1P
3.3V OCXO HCMOS Output 14-pin DIL
More results

Similar Description - MCOCXOW/BV3

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCOCXOWS GOLLEDGE-MCOCXOWS Datasheet
149Kb / 2P
3.3V OCXO Sine Output
SCOCXOWT GOLLEDGE-SCOCXOWT Datasheet
144Kb / 2P
3.3V OCXO CMOS Output Tight Stability
MCOCXOWS GOLLEDGE-MCOCXOWS_15 Datasheet
149Kb / 2P
3.3V OCXO Sine Output
OCXOWST GOLLEDGE-OCXOWST Datasheet
143Kb / 2P
3.3V OCXO CMOS Output Stratum 3
SCOCXOWT GOLLEDGE-SCOCXOWT_16 Datasheet
137Kb / 2P
3.3V OCXO CMOS Output Tight Stability
SCOCXOWT GOLLEDGE-SCOCXOWT_18 Datasheet
557Kb / 5P
3.3V Tight Stability OCXO with CMOS Output
SCOCXOLW GOLLEDGE-SCOCXOLW Datasheet
558Kb / 5P
3.3V OCXO with CMOS Output and Fast Warm Up
SCOCXOHSW GOLLEDGE-SCOCXOHSW Datasheet
558Kb / 5P
3.3V OCXO Sine Output
OCXOWST GOLLEDGE-OCXOWST_18 Datasheet
551Kb / 5P
Stratum 3 Compliant 3.3V OCXO with CMOS Output
MCOCXOW GOLLEDGE-MCOCXOW_18 Datasheet
556Kb / 5P
3.3V OCXO with CMOS Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com