Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCOCXOWS/BV3 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MCOCXOWS/BV3
Description  3.3V OCXO Sine Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCOCXOWS/BV3 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MCOCXOWS/BV3 Datasheet HTML 1Page - Golledge Electronics Ltd MCOCXOWS/BV3 Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.3V OCXO Sine Output
MCOCXOWS
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
21 Jul 2015
Features
Compact 14-pin DIL package (SMD optional)
3.3V supply voltage
Sinewave output
Very fast warmup
Low power consumption
Wide temperature range available
Option
Codes
MCOCXOWS
Product
Parameters
Product name + option codes + frequency
eg: MCOCXOWS/AR1 10.0MHz 0.075ppm 0~60°C
MCOCXOWS/BV3 16.384MHz 0.15ppm -20+70°C
Option code X (eg MCOCXOWS/X) denotes a custom spec.
Ordering Information
Standard. Optional - Please specify required code(s) when ordering
Specifications
Frequency range:
10.0kHz ~ 54.0MHz
Frequency stability:
±0.5ppm max first year
±3.0ppm max in 10 years
±0.1ppm max vs V
DD
±10ppb max vs load ±10%
Short term stability:
5x10-10, τ 0.1 to 30s
5x10-11 typ at 1s
Temperature stability:
±0.075ppm max, 0 to +60°C
A
±0.15ppm max, -20 to +70°C
B
±0.25ppm max, -40 to +85°C
C
Storage temperature range:
-55 to +125°C
Output waveform:
Sinewave from 50Ω
Harmonics < -10dBc
Spurii < -70dBc
Level:
4dBm / 50Ω (20MHz)
 0dBm / 50Ω (>20MHz)
Frequency adjustment:
±3.0ppm min
Control voltage 0.5~3.3V, pin 1
V3
Variable resistor 0~10kΩ, pins 1 to 7
R1
None (int accuracy ±1.0ppm)
A
None (int accuracy ±0.5ppm)
B
Supply voltage (V
DD):
+3.3V (±0.15V)
Input current: 120mA max @ +25°C
170mA max @ -20°C
Warm up time (secs):
current 250mA max @ 25°C
30
to within ±0.1ppm @ 25°C
120
Phase noise (typ @ 10MHz):
-110dBc/Hz @ 10Hz
-135dBc/Hz @ 100Hz
-145dBc/Hz @ 1kHz
-150dBc/Hz @ 10kHz
Shock & vibration:
5,000G, 0.3ms ½-sine
10.0 ~ 2,000Hz, 20G
Package:
Through hole 14 pin DIL
SMD options 1 or 2

specify
2011/65/EU
Product is NOT designed to withstand 260°C reflow processing
10.00000
12.00000
12.80000
14.74600
16.00000
20.00000
26.00000
40.00000
52.00000
54.00000
Frequencies in MHz
Standard Frequencies
7.80
±0.20
6.35
±0.50
0.80
0.46Ø
7.62
15.24
1
14
7
8
20.14
±0.08
12.52
±0.08
PIN
1
7
8
14
CONNECTION
Freq adjustment
or Ground
Ground
Output
Supply


Similar Part No. - MCOCXOWS/BV3

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCOCXOWS GOLLEDGE-MCOCXOWS Datasheet
149Kb / 2P
3.3V OCXO Sine Output
MCOCXOWS GOLLEDGE-MCOCXOWS Datasheet
556Kb / 5P
3.3V OCXO with Sine Output
MCOCXOWS GOLLEDGE-MCOCXOWS_18 Datasheet
556Kb / 5P
3.3V OCXO with Sine Output
More results

Similar Description - MCOCXOWS/BV3

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD360 GOLLEDGE-HCD360 Datasheet
62Kb / 1P
OCXO Sine Output
HCD170 GOLLEDGE-HCD170 Datasheet
49Kb / 1P
OCXO Sine Output
HCD220 GOLLEDGE-HCD220 Datasheet
65Kb / 1P
OCXO Sine Output
MCOCXOWS GOLLEDGE-MCOCXOWS Datasheet
149Kb / 2P
3.3V OCXO Sine Output
SCOCXOWS GOLLEDGE-SCOCXOWS Datasheet
149Kb / 2P
3.3V OCXO Sine Output Tight Stability
HCD360 GOLLEDGE-HCD360_15 Datasheet
134Kb / 1P
OCXO Sine Output
SCOCXOWS GOLLEDGE-SCOCXOWS_16 Datasheet
142Kb / 2P
3.3V OCXO Sine Output Tight Stability
SCOCXOWS GOLLEDGE-SCOCXOWS_18 Datasheet
556Kb / 5P
3.3V OCXO Sine Output Tight Stability
SCOCXOHSW GOLLEDGE-SCOCXOHSW Datasheet
558Kb / 5P
3.3V OCXO Sine Output
MCOCXOWS GOLLEDGE-MCOCXOWS_18 Datasheet
556Kb / 5P
3.3V OCXO with Sine Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com