Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP505ACF Datasheet(PDF) 23 Page - Sipex Corporation

Part # SP505ACF
Description  WAN Multi-Mode Serial Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP505ACF Datasheet(HTML) 23 Page - Sipex Corporation

Back Button SP505ACF Datasheet HTML 19Page - Sipex Corporation SP505ACF Datasheet HTML 20Page - Sipex Corporation SP505ACF Datasheet HTML 21Page - Sipex Corporation SP505ACF Datasheet HTML 22Page - Sipex Corporation SP505ACF Datasheet HTML 23Page - Sipex Corporation SP505ACF Datasheet HTML 24Page - Sipex Corporation SP505ACF Datasheet HTML 25Page - Sipex Corporation SP505ACF Datasheet HTML 26Page - Sipex Corporation SP505ACF Datasheet HTML 27Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
23
Rev. 7/9/03
SP505 Multi–Mode Serial Transceiver
© Copyright 2003 Sipex Corporation
SP505 Receiver Mode Selection
SP505 Driver Mode Selection
Pin Label
RD(a)
RD(b)
RT(a)
RT(b)
CS(a)
CS(b)
DM(a)
DM(b)
RR(a)
RR(b)
IC(a)
IC(b)
SCT(a)
SCT(b)
Pin Label
Mode:
RS232
V.35
RS422
RS449
EIA530
EIA-530A
V.36
0000
0010
1110
0100
0101
1100
1101
1111
0110
SD(a)
tri-state
V.28
V.35–
V.11–
V.11–
V.11–
SD(b)
V.35+
V.11+
V.11+
V.11+
TR(a)
tri-state
V.28
V.11–
V.11–
V.11–
V.10
TR(b)
tri-state
tri-state
tri-state
V.11+
V.11+
V.11+
tri-state
RS(a)
tri-state
V.28
V.11–
V.11–
V.11–
RS(b)
tri-state
tri-state
tri-state
V.11+
V.11+
V.11+
RL(a)
tri-state
V.28
V.11–
V.11–
V.10
RL(b)
tri-state
tri-state
tri-state
V.11+
V.11+
tri-state
LL(a)
tri-state
V.28
V.11–
V.11–
V.10
LL(b)
tri-state
tri-state
tri-state
V.11+
V.11+
tri-state
ST(a)
tri-state
V.28
V.35–
V.11–
V.11–
V.11–
ST(b)
V.35+
V.11+
V.11+
V.11+
TT(a)
tri-state
V.28
V.35–
V.11–
V.11–
V.11–
TT(b)
V.35+
V.11+
V.11+
V.11+
tri-state
tri-state
tri-state
tri-state
tri-state
tri-state
V.28
V.28
V.28
V.28
V.11–
V.11+
V.11–
V.11+
V.11–
V.11+
tri-state
V.11–
V.11+
V.11–
V.11+
V.10
V.11–
V.11+
V.11–
V.11+
V.11–
V.11+
V.11–
V.11+
V.11–
V.11+
V.10
tri-state
V.10
tri-state
V.11–
V.11+
V.10
tri-state
V.10
tri-state
V.10
tri-state
V.11–
V.11+
V.11–
V.11+
Mode:
RS232
V.35
RS422 w/ Term.
RS422
RS449
EIA530
EIA-530A
V.36
0000
0010
1110
0100
0101
1100
1101
1111
0110
V.28
V.35–
V.11–
V.11–
V.11–
V.35+
V.11+
V.11+
V.11+
V.28
V.11–
V.11–
V.11–
V.11+
V.11+
V.11+
V.28
V.11–
V.11–
V.11–
V.11+
V.11+
V.11+
V.28
V.11–
V.11–
V.11+
V.11+
V.28
V.11–
V.11–
V.11+
V.11+
V.28
V.11–
V.11–
V.11+
V.11+
V.28
V.35–
V.11–
V.11–
V.11–
V.35+
V.11+
V.11+
V.11+
V.28
V.28
V.28
V.11–
V.11+
V.11–
V.11+
V.11–
V.11+
V.10
V.10
V.10
>10kΩ to GND
>10kΩ to GND
>10kΩ to GND
>10kΩ to GND
>10kΩ to GND
>10kΩ to GND
>10kΩ to GND
>10kΩ to GND
>10kΩ to GND
>10kΩ to GND
>10kΩ to GND
>10kΩ to GND
>10kΩ to GND
>10kΩ to GND
>10kΩ to GND
>10kΩ to GND
>10kΩ to GND >12kΩ to GND
>10kΩ to GND
>10kΩ to GND
>10kΩ to GND
>10kΩ to GND
>10kΩ to GND
>10kΩ to GND
>10kΩ to GND
>10kΩ to GND
>10kΩ to GND
V.11–
V.11+
V.11–
V.11+
>10kΩ to GND
>10kΩ to GND
V.10
V.10
>10kΩ to GND
V.10
>10kΩ to GND
V.10
V.11–
V.11+
V.11–
V.11+
V.11–
V.11+
>10kΩ to GND
V.10
V.35–
V.35+
V.28
>10kΩ to GND
V.11–
V.11+
30
DEC – DEC
30
DEC – DEC
RS422 w/ Term.
V.11–
V.11+
V.11–
V.11+
V.11–
V.11+
V.11–
V.11+
V.11–
V.11+
V.11–
V.11+
V.11–
V.11+
V.11–
V.11+
Table 1. SP505 Driver Decoder Table
Table 2. SP505 Receiver Decoder Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com