Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP505ACM Datasheet(PDF) 34 Page - Sipex Corporation

Part # SP505ACM
Description  WAN Multi-Mode Serial Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP505ACM Datasheet(HTML) 34 Page - Sipex Corporation

Back Button SP505ACM Datasheet HTML 28Page - Sipex Corporation SP505ACM Datasheet HTML 29Page - Sipex Corporation SP505ACM Datasheet HTML 30Page - Sipex Corporation SP505ACM Datasheet HTML 31Page - Sipex Corporation SP505ACM Datasheet HTML 32Page - Sipex Corporation SP505ACM Datasheet HTML 33Page - Sipex Corporation SP505ACM Datasheet HTML 34Page - Sipex Corporation SP505ACM Datasheet HTML 35Page - Sipex Corporation SP505ACM Datasheet HTML 36Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
34
Rev. 7/9/03
SP505 Multi–Mode Serial Transceiver
© Copyright 2003 Sipex Corporation
80 PIN MQFP (MS-022 BC)
b
e
Seating
Plane
A1
A
A
L1
5°-16°
0° MIN.
0°–7°
5°-16°
L
A2
0.30" RAD. TYP.
0.20" RAD. TYP.
c
PIN 1
E1
D1
D
CL
E
CL
D2
E2
DIMENSIONS
Minimum/Maximum
(mm)
SYMBOL
A
A1
A2
b
D
D1
D2
E
E1
E2
e
N
80–PIN MQFP
JEDEC MS-22
(BEC) Variation
MIN
NOM
MAX
2.45
0.00
0.25
1.80
2.00
2.20
0.22
0.40
17.20 BSC
14.00 BSC
12.35 REF
17.20 BSC
14.00 BSC
12.35 REF
0.65 BSC
80
COMMON DIMENTIONS
SYMBL MIN
NOM
MAX
c
0.11
23.00
L
0.73
0.88
1.03
L1
1.60 BASIC
PACKAGE: 80 PIN MQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com