Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP507CF Datasheet(PDF) 30 Page - Sipex Corporation

Part # SP507CF
Description  Multi-Protocol Serial Transceivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP507CF Datasheet(HTML) 30 Page - Sipex Corporation

Back Button SP507CF Datasheet HTML 22Page - Sipex Corporation SP507CF Datasheet HTML 23Page - Sipex Corporation SP507CF Datasheet HTML 24Page - Sipex Corporation SP507CF Datasheet HTML 25Page - Sipex Corporation SP507CF Datasheet HTML 26Page - Sipex Corporation SP507CF Datasheet HTML 27Page - Sipex Corporation SP507CF Datasheet HTML 28Page - Sipex Corporation SP507CF Datasheet HTML 29Page - Sipex Corporation SP507CF Datasheet HTML 30Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
30
SP505/6/7APN/03
SP505, SP506, SP507 Application Note
© Copyright 2000 Sipex Corporation
ORDERING INFORMATION
Multi-Protocol Transceiver Products
Model
Temperature Range
Package Types
SP505CF ........................................................................... 0
°C to +70°C ......................................................... 80–pin JEDEC (BE-2 Outline) QFP
SP506CF ........................................................................... 0
°C to +70°C ......................................................... 80–pin JEDEC (BE-2 Outline) QFP
SP507CF ........................................................................... 0
°C to +70°C ......................................................... 80–pin JEDEC (BE-2 Outline) QFP
Evaluation and Retrofit Boards
Model
Description
SP505EB ........................................................................................................................................................................ SP505CF Evaluation Board
SP506EB ........................................................................................................................................................................ SP506CF Evaluation Board
SP507EB ........................................................................................................................................................................ SP507CF Evaluation Board
SP505RB ............................................................................................................................................................................. SP505CF Retrofit Board
SP506RB ............................................................................................................................................................................. SP506CF Retrofit Board
SP507RB ............................................................................................................................................................................. SP507CF Retrofit Board
Evaluation Kits
(Boxed with SP5xxEB, Product Datasheet, Application Note)
Model
Description
SP505EK .............................................................................................................................................................................. SP505CF Evaluation Kit
SP506EK .............................................................................................................................................................................. SP506CF Evaluation Kit
SP507EK .............................................................................................................................................................................. SP507CF Evaluation Kit
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com