Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHR Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # LHR
Description  SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

LHR Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  LHR Datasheet HTML 1Page - RUBYCON CORPORATION LHR Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LHR
350
400
2700
3300
3900
4700
4700
5600
5600
6800
6800
8200
8200
10000
10000
12000
12000
15000
18000
2200
2700
3300
3900
3900
4700
5600
5600
6800
6800
8200
8200
10000
10000
12000
15000
11.7
12.7
14.0
15.4
17.8
16.0
20.8
21.3
23.5
23.5
30.3
30.3
33.5
33.5
36.9
42.0
45.7
11.1
12.1
13.4
14.7
17.0
19.8
21.7
26.6
23.9
28.9
25.2
31.9
27.5
35.3
39.7
43.6
8.2
9.0
10.2
11.5
12.2
11.9
14.4
15.1
17.1
17.1
18.8
18.8
21.4
21.4
24.2
28.7
31.9
7.7
8.6
9.8
10.9
11.6
13.7
15.4
16.3
17.4
18.0
18.9
20.4
21.1
23.1
27.1
30.5
103
113
133
153
109.5
153
119.5
139.5
109.8
159.5
119.8
199.5
139.8
226.5
159.8
199.8
226.8
103
113
133
153
109.5
119.5
139.5
109.8
159.5
119.8
199.5
139.8
226.5
159.8
199.8
226.8
64×96
64×106
64×126
64×146
77×103
64×146
77×113
77×133
90×103
77×153
90×113
77×193
90×133
77×220
90×153
90×193
90×220
64×96
64×106
64×126
64×146
77×103
77×113
77×133
90×103
77×153
90×113
77×193
90×133
77×220
90×153
90×193
90×220
Size
φDXL
(㎜)
Ta=105℃※1 Tc=105℃※2
Lt
(㎜)
450
1800
2200
2700
2700
3300
3300
3900
4700
4700
5600
5600
6800
6800
8200
8200
10000
12000
10.5
11.4
12.7
14.0
14.0
16.7
18.3
20.1
25.3
22.6
28.7
23.9
30.4
26.0
33.4
37.7
41.0
7.3
8.1
9.2
10.4
10.4
11.6
13.0
14.7
15.5
16.4
18.4
18.0
19.5
20.0
21.9
25.7
28.7
103
113
133
109.5
153
119.5
139.5
159.5
109.8
159.5
139.8
199.5
139.8
226.5
159.8
199.8
226.8
64×96
64×106
64×126
77×103
64×146
77×113
77×133
77×153
90×103
77×153
90×133
77×193
90×133
77×220
90×153
90×193
90×220
Size
φDXL
(㎜)
Ta=105℃※1 Tc=105℃※2
Lt
(㎜)
◆Tightening torque of bolt and Permissible current of terminal.
Rated Voltage
(Vdc)
Capacitance
(uF)
Rated Ripple Current
(Arms 105℃, 120Hz)
Rated Voltage
(Vdc)
Capacitance
(uF)
Rated Ripple Current
(Arms 105℃, 120Hz)
Clamp Bolt
M3
M4
0.6 [N・m]
1.3 [N・m]
Recommended Tightening torque
Terminal Recommended Tightening torque
(Permissible Range)
M5
2.2(1.5∼3.2) [N・m]
Permissible Current
of Terminal
60Arms
M6
3.2(3.0∼3.5) [N・m]
100Arms
Ta:Ambient temperature under natural convection.
Tc:Case bottom temperature.
※1:Rated ripple current in continuous operation under natural
  convection at Ta=105℃.
※2:Rated ripple current in continuous operation under forced
  convection at Ta=105℃.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com