Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP514 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP514
Description  WAN Multi-Mode Serial Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP514 Datasheet(HTML) 4 Page - Sipex Corporation

  SP514 Datasheet HTML 1Page - Sipex Corporation SP514 Datasheet HTML 2Page - Sipex Corporation SP514 Datasheet HTML 3Page - Sipex Corporation SP514 Datasheet HTML 4Page - Sipex Corporation SP514 Datasheet HTML 5Page - Sipex Corporation SP514 Datasheet HTML 6Page - Sipex Corporation SP514 Datasheet HTML 7Page - Sipex Corporation SP514 Datasheet HTML 8Page - Sipex Corporation SP514 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Rev. 3/05/04
SP514 Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
SPECIFICATIONS
T
A = +25°C and VCC = +4.75V to +5.25V unless otherwise noted.
MIN.
TYP.
MAX.
UNITS
CONDITIONS
V.11 RECEIVER (continued)
DC Parameters (cont.)
Input Current
–3.25
+3.25
mA
per Figure 20 and 22
Current w/ 100Ω Termination
+60.75
mA
per Figure 23 and 24
Input Impedance
4
kΩ
AC Parameters
V
CC = +5V & TA = +25°C for AC parameters
Propagation Delay
Using R
L = 100Ω and CL = 50pF;
t
PHL
60
100
125
ns
per Figures 32 and 38
t
PLH
60
100
125
ns
per Figures 32 and 38
Differential Skew
20
ns
per Figure 32
Max. Transmission Rate
10
Mbps
V.35 DRIVER
DC Parameters
Outputs
Test Terminated Voltage
+0.44
+0.66
Volts
per Figure 25
Offset
+0.6
Volts
per Figure 26
Source Impedance
50
150
Ω
per Figure 27
Short-Circuit Impedance
135
165
Ω
per Figure 28
AC Parameters
V
CC = +5V & TA = +25°C for AC parameters
Outputs
Transition Time
30
60
ns
per Figure 29; 10% to 90%
Propagation Delay
t
PHL
50
75
95
ns
per Figures 33 and 36
t
PLH
50
75
95
ns
per Figures 33 and 36
Differential Skew
20
40
ns
per Figures 33 and 36
Max.Transmission Rate
10
Mbps
V.35 RECEIVER
DC Parameters
Inputs
Sensitivity
80
mV
Source Impedance
90
110
Ω
per Figure 30
Short-Circuit Impedance
135
165
Ω
per Figure 31
AC Parameters
V
CC = +5V & TA = +25°C for AC parameters
Propagation Delay
t
PHL
60
115
125
ns
per Figures 33 and 38
t
PLH
60
115
125
ns
per Figures 33 and 38
Differential Skew
20
ns
per Figure 33
Max. Transmission Rate
10
Mbps
POWER REQUIREMENTS
V
CC
4.75
5.00
5.25
Volts
I
CC
(No Mode Selected)
30
mA
All I
CC values are with VCC = +5V
(V.28/RS-232)
130
mA
f
IN = 120kbps; Drivers active & loaded.
(V.11/RS-422)
280
mA
f
IN = 2.1Mbps; Drivers active & loaded.
(EIA-530 & RS-449)
250
mA
f
IN = 2.1Mbps; Drivers active & loaded.
(V.35)
180
mA
V.35 @ f
IN = 2.1Mbps, V.28 @ 20kbps;
Drivers active & loaded.
ENVIRONMENTAL AND MECHANICAL
Operating Temperature Range
0
+70
°C
Storage Temperature Range
–65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com