Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP522 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP522
Description  Low-Cost Programmable Multi-Protocol Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP522 Datasheet(HTML) 4 Page - Sipex Corporation

  SP522 Datasheet HTML 1Page - Sipex Corporation SP522 Datasheet HTML 2Page - Sipex Corporation SP522 Datasheet HTML 3Page - Sipex Corporation SP522 Datasheet HTML 4Page - Sipex Corporation SP522 Datasheet HTML 5Page - Sipex Corporation SP522 Datasheet HTML 6Page - Sipex Corporation SP522 Datasheet HTML 7Page - Sipex Corporation SP522 Datasheet HTML 8Page - Sipex Corporation SP522 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
Rev. 7/10/03
SP522 Multi–Mode Serial Transceivers
© Copyright 2003 Sipex Corporation
+3.25mA
–3.25mA
+10V
+3V
–3V
–10V
Maximum Input Current
versus Voltage
V.10 RECEIVER
+1.0mA
–0.6mA
+12V
+6V
–3V
–7V
1 Unit Load
Maximum Input Current
versus Voltage
RS485 RECEIVER
+3.25mA
–3.25mA
+10V
+3V
–3V
–10V
Maximum Input Current
versus Voltage
V.11 RECEIVER
RECEIVER INPUT GRAPHS
SPECIFICATIONS (Continued)
Typical @ 25°C and nominal supply voltages unless otherwise noted.
MIN.
TYP.
MAX.
UNITS
CONDITIONS
RS-423 DRIVER
Power Off Current
±100
µAV
CC = 0V, VOUT= +0.25V
Transition Time
1.0
µs
Rise/fall time, 10-90%
Max. Transmission Rate
120
Kbps
R
L=450Ω
Propagation Delay
T
A = +25°C
t
PHL
28
µSR
L=450Ω
t
PLH
28
µSR
L=450Ω
RS423 RECEIVER
TTL Output Levels
V
OL
0
0.4
Volts
V
OH
2.4
Volts
Input
High Threshold
+0.3
+7.0
Volts
Low Threshold
-7.0
-0.3
Volts
Common Mode Range
-7.0
+7.0
Volts
High Input Current
Refer to Rec. input graph
Low Input Current
Refer to Rec. input graph
Receiver Sensitivity
+0.3
Volts
V
CM = +7V to -7V
Input Impedance
4
KΩ
V
IN = +10V to -10V
Max. Transmission Rate
120
Kbps
Propagation Delay
T
A = +25°C
t
PHL
0.5
1
µS
t
PLH
0.5
1
µS
POWER REQUIREMENTS
V
CC
+4.75
+5.0
+5.25
Volts
V
DD
+9.5
+10.0
+10.5
Volts
V
SS
-9.5
-10.0
-10.5
Volts
I
CC
4mA
V
CC = +5V; DP0=DP1=0V
I
DD
10
mA
V
DD = +10V; DP0=DP1=0V
I
SS
10
mA
V
SS = –10V; DP0=DP1=0V
ENVIRONMENTAL AND MECHANICAL
Operating Temperature Range
0
+70
°C
Storage Temperature Range
-65
+150
°C
Package
24-pin SOIC, 24-pin SSOP, 44–pin QFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com