Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA24CL Datasheet(PDF) 2 Page - Protek Devices

Part # DA24CL
Description  High powered multi-line tvs array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

DA24CL Datasheet(HTML) 2 Page - Protek Devices

  DA24CL Datasheet HTML 1Page - Protek Devices DA24CL Datasheet HTML 2Page - Protek Devices DA24CL Datasheet HTML 3Page - Protek Devices DA24CL Datasheet HTML 4Page - Protek Devices DA24CL Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05002.R12 9/12
Page 2
DA05L - DA24CM
tyPiCAL DeviCe CHARACteRistiCs
MAXiMuM RAtings @ 25°C unless otherwise specified
PARAMeteR
syMBoL
vALue
units
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
800
Watts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Forward Surge Rating
I
F
10
Amps
eLeCtRiCAL CHARACteRistiCs PeR Line @ 25°C unless otherwise specified
PARt
nuMBeR
(note 1)
RAteD
stAnD-oFF
voLtAge
v
wM
voLts
MiniMuM
BReAkDown
voLtAge
@1mA
v
(BR)
voLts
MAXiMuM
CLAMPing
voLtAge
(Fig. 2)
@ iP = 10A
v
C
voLts
MAXiMuM
CLAMPing
voLtAge
(Fig. 2)
@ 8/20µs
v
C @ iPP
MAXiMuM
LeAkAge
CuRRent
@v
wM
i
D
µA
tyPiCAL
CAPACitAnCe
@0v, 1MHz
C
pF
DA05L
5.0
6.0
12.5
24.6V @ 45.0A
200
880
DA05M
5.0
6.0
12.5
24.6V @ 45.0A
200
880
DA05CL
5.0
6.0
12.5
24.6V @ 45.0A
200
500
DA05CM
5.0
6.0
12.5
24.6V @ 45.0A
200
500
DA12L
12.0
13.3
26.0
32.9V @ 34.0A
2
440
DA12M
12.0
13.3
26.0
32.9V @ 34.0A
2
440
DA12CL
12.0
13.3
26.0
32.9V @ 34.0A
2
385
DA12CM
12.0
13.3
26.0
32.9V @ 34.0A
2
385
DA15L
15.0
16.7
33.0
37.7V @ 27.0A
2
400
DA15M
15.0
16.7
33.0
37.7V @ 27.0A
2
400
DA15CL
15.0
16.7
33.0
37.7V @ 27.0A
2
300
DA15CM
15.0
16.7
33.0
37.7V @ 27.0A
2
300
DA24L
24.0
26.7
52.1
53.0V @ 20.0A
2
275
DA24M
24.0
26.7
52.1
53.0V @ 20.0A
2
275
DA24CL
24.0
26.7
52.1
53.0V @ 20.0A
2
200
DA24CM
24.0
26.7
52.1
53.0V @ 20.0A
2
200
notes
1. The “C” suffix denotes a bidirectional device, such as DA05CL.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com