Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6120B Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP6120B
Description  Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6120B Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP6120B Datasheet HTML 9Page - Sipex Corporation SP6120B Datasheet HTML 10Page - Sipex Corporation SP6120B Datasheet HTML 11Page - Sipex Corporation SP6120B Datasheet HTML 12Page - Sipex Corporation SP6120B Datasheet HTML 13Page - Sipex Corporation SP6120B Datasheet HTML 14Page - Sipex Corporation SP6120B Datasheet HTML 15Page - Sipex Corporation SP6120B Datasheet HTML 16Page - Sipex Corporation SP6120B Datasheet HTML 17Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
Date: 5/25/04
SP6120B Low Voltage, AnyFETTM, Synchronous, Buck Controller
© Copyright 2004 Sipex Corporation
GATE DRIVER TEST CONDITONS
5V
90%
10%
GH (GL)
2V
5V
GH (GL)
2V
NON-OVERLAP
RISE TIME
FALL TIME
90%
10%
V(BST)
0V
GH
Voltage
V(VCC)
0V
GL
Voltage
V(VCC = VIN)
SWN
Voltage
~0V
~V(Diode) V
~2V(VIN)
BST
Voltage
~V(VIN)
TIME
current valley and the reset pulse corresponding
to the end of an on-time indicates a current peak.
In effect, the main loop determines the status of
the secondary loop.
Notice that the output voltage appears to coast
toward the regulated value during periods where
the main loop would be telling the drivers to
switch. It is during this interval that the 3%
window comparator has taken control away from
the main loop. The main loop regains control
only if the output voltage crosses through its
regulated value. Also notice where the 3% com-
parator takes over. The output voltage is consid-
ered “high” only if the trough of the ripple is
above 3%. The output voltage is considered
“low” only if the peak of the ripple is below 3%.
By managing the secondary loop in this fashion,
the SP6120B can improve the transient response
of high performance power converters without
causing strange disturbances in low to moderate
performance systems.
Driver Logic
Signals from the PWM latch (QPWM), Fault
latch (FAULT), Program Logic, Zero Crossing
Comparator, and 3% Window Comparators all
flow into the Driver Logic. The following is a
truth table for determining the state of the GH and
GL voltages for given inputs:
E
L
B
A
T
H
T
U
R
T
C
I
G
O
L
R
E
V
I
R
D
T
L
U
A
F1
100000000
r
o
M
W
P
Q
P
M
O
C
%
3
XX
11
000000
T
E
F
P
/
T
E
F
NN
P
N
P
N
PN
PN
P
C
S
I
D
/
T
N
O
CX
XX
XC
C
DDDD
S
S
O
R
C
O
R
E
ZX
X
XXXX
0
0
1
1
H
G0
1
1
0
0
10
10
1
L
G0
00
0
1111
00
The QPWM and 3% Comparators are grouped
together because 3% Low is the same as QPWM
= 1 and 3% High is the same as QPWM = 0.
Output Drivers
The driver stage consists of one high side, 4
Ω
driver, GH and one low side, 4
Ω, NFET driver,
GL. As previously stated, the high side driver can
be configured to drive a PFET or an NFET high
side switch. The high side driver can also be
configured as a switch node referenced driver.
Due to voltage constraints, this mode is mandatory
for 5V, single supply, high side NFET applica-
tions. The following figure shows typical driver
waveforms for the 5V, high side NFET design.
As with all synchronous designs, care must be
taken to ensure that the MOSFETs are properly
chosen for non-overlap time, peak current capa-
bility and efficiency.
Secondary Loop (3% Window Comparator):
continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com