Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6120EY/TR Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP6120EY/TR
Description  Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6120EY/TR Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP6120EY/TR Datasheet HTML 8Page - Sipex Corporation SP6120EY/TR Datasheet HTML 9Page - Sipex Corporation SP6120EY/TR Datasheet HTML 10Page - Sipex Corporation SP6120EY/TR Datasheet HTML 11Page - Sipex Corporation SP6120EY/TR Datasheet HTML 12Page - Sipex Corporation SP6120EY/TR Datasheet HTML 13Page - Sipex Corporation SP6120EY/TR Datasheet HTML 14Page - Sipex Corporation SP6120EY/TR Datasheet HTML 15Page - Sipex Corporation SP6120EY/TR Datasheet HTML 16Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
Date: 5/25/04
SP6120 Low Voltage, AnyFETTM, Synchronous, Buck Controller
© Copyright 2004 Sipex Corporation
0V
MAX
DC Load
Current
MIN
0A
Output
Voltage
VOUT
Reset
Set
V(VCC)
Main Loop
3% High
Latch On
0V
V(VCC)
3% Low
Latch On
.
TIME
The NFET/PFET programmability is for the
high side MOSFET. When designing DC/DC
converters, it is not always obvious when to use
an NFET with a charge pump or a simple PFET
for the high side MOSFET. Often, the controller
has to be changed, making performance evalu-
ations difficult. This difficulty is worsened by
the limited availability of true low voltage con-
trollers. In addition, by also programming the
mode, continuous or discontinuous, switch mode
power designs that are successful in bus applica-
tions can now find homes in portable applica-
tions.
Secondary Loop (3% Window Comparator)
DSP, microcontroller and microprocessor ap-
plications have very strict supply voltage re-
quirements. In addition, the current require-
ments to these devices can change drastically.
Linear regulators, typically the workhorse for
DC/DC step-down, do a great job managing
accuracy and transient response at the expense
of efficiency. On the other hand, PWM switch-
ing regulators typically do a great job managing
efficiency at the expense of output ripple and
line/load step response.
The trick in PWM
controller design is to emulate the transient
response of the linear regulator.
Of course improving transient response should
be transparent to the power supply designer.
Very often this is not the case. Usually the very
circuitry that improves the controllers transient
response adversely interferes with the main
PWM loop or complicates the board level de-
sign of the power converter.
The SP6120 handles line/load transient response
in a new way. First, a window comparator
detects whether the output voltage is above or
below the regulated value by 3%.
Then, a
proprietary “Ripple & Frequency Independent”
algorithm synchronizes the output of the win-
dow comparator with the peak and valley of the
inductor current waveform. 3% low detection is
synchronized with inductor current peak; 3%
high detection is synchronized with the inductor
current valley. However, in order to eliminate
Secondary Loop (continued)
any additional loops, the current peak and val-
ley are determined by the edges associated with
the on-time in the main loop. The set pulse
corresponding to the start of an on-time indi-
cates a current valley and the reset pulse corre-
sponding to the end of an on-time indicates a
current peak. In effect, the main loop deter-
mines the status of the secondary loop.
Notice that the output voltage appears to coast
toward the regulated value during periods where
the main loop would be telling the drivers to
THEORY OF OPERATIONS: Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com