Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6121EB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6121EB
Description  Demo Board Manual
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6121EB Datasheet(HTML) 1 Page - Sipex Corporation

  SP6121EB Datasheet HTML 1Page - Sipex Corporation SP6121EB Datasheet HTML 2Page - Sipex Corporation SP6121EB Datasheet HTML 3Page - Sipex Corporation SP6121EB Datasheet HTML 4Page - Sipex Corporation SP6121EB Datasheet HTML 5Page - Sipex Corporation SP6121EB Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev 7/25/01
FEATURES
DESCRIPTION
The SP6121 DEMO Board is designed to help the user evaluate the performance of the
SP6121 for use in a distributed power system. The SP6121 operates over an input
voltage range of 3.0V to 7.0V, and can deliver efficiencies as high as 95%. The SP6121
Demo Board is a complete Power Supply ready for use in applications where high
stability, excellent transient response, high efficiency and power density are critical
concerns.
The Demo Board, a completely assembled and tested PCB with surface mount
components, has been designed as a SIP board that can be vertically mounted in an
existing application.
§ DC/DC Synchronous Buck Converter
for Distributed Power Systems.
§ SIP design provides complete, ready
to use solutions for :
Vin=3.0 - 7.0V
Vout=1.25 - 5.0V
I out=8.0A (no air flow required).
§ High Efficiency: 86 to 95%
§ Excellent Transient Response
§ Small Size: 550X2500mils, vertical
mounting
§ Power Good output
SP6121
Demo Board Manual


Similar Part No. - SP6121EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6121 SIPEX-SP6121 Datasheet
358Kb / 16P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6121 SIPEX-SP6121 Datasheet
1Mb / 42P
Low Voltage, Synchronous Step Down PWM Controller
SP6121CN SIPEX-SP6121CN Datasheet
358Kb / 16P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6121CN-L SIPEX-SP6121CN-L Datasheet
1Mb / 42P
Low Voltage, Synchronous Step Down PWM Controller
SP6121CN/TR SIPEX-SP6121CN/TR Datasheet
358Kb / 16P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
More results

Similar Description - SP6121EB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4883-SQ_BOM-001A NSC-LM4883-SQ_BOM-001A Datasheet
43Kb / 1P
Demo Board
logo
Melexis Microelectronic...
EVB90401 MELEXIS-EVB90401 Datasheet
269Kb / 6P
MLX90401 Demo Board
logo
Analog Intergrations Co...
DS6624 AIC-DS6624 Datasheet
247Kb / 1P
DS6622 DS6624 Demo Board User Manual
DS6625 AIC-DS6625 Datasheet
324Kb / 1P
DS6625 Demo Board User Manual
DS6631 AIC-DS6631 Datasheet
244Kb / 1P
DS6631 Demo Board User Manual
logo
NXP Semiconductors
UM10720 PHILIPS-UM10720 Datasheet
1Mb / 16P
User manual for the TFT touch demo board OM11058
Rev. 1-25 June 2013
logo
Maxim Integrated Produc...
73M1866B MAXIM-73M1866B Datasheet
277Kb / 13P
Keychain Demo Board User Manual
logo
ON Semiconductor
AGB1N0CS-GEVK ONSEMI-AGB1N0CS-GEVK Datasheet
466Kb / 6P
Demo 3 Evaluation Board Users Manual
July, 2020 ??Rev. 1
logo
Teridian Semiconductor ...
73S8023C TERIDIAN-73S8023C_V01 Datasheet
816Kb / 19P
Demo Board User Manual
Rev. 1.3
71M6511-DB TERIDIAN-71M6511-DB Datasheet
2Mb / 115P
Demo Board User’s Manual
Revision 5.4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com