Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7604C7/B Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # OV7604C7/B
Description  CMOS Oscillator Low Power
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

OV7604C7/B Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  OV7604C7/B Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
09 Apr 2014
Input (pad 3)
Output (pad 1)
‘
1’ level
‘
0’ level
Enabled
Disabled
CMOS Oscillator Low Power
OV7604C7
Features
Ultra low power consumption
World’s smallest LF oscillator
Tight frequency tolerance
Industrial and extended temperature ranges
High shock and vibration resistance
0.75
0.75
1.00
(max)
3.20
±0.10
1.50
±0.10
SOLDER PAD LAYOUT
1.70
TOP VIEW
0.80
1.00
1.00
12
0.40
0.50
PAD
1
2
3
4
CONNECTION
Output
Ground
Enable/Disable
Supply
43
Option
Codes
OV7604C7
Product
Parameters
Product + option code
eg: OV7604C7/B ±20ppm (standard)
Option code X (eg OV7604C7/X) denotes a custom spec.
Ordering Information
Standard. Optional - Please specify required code(s) when ordering
Specifications
CLKOE
CLKOUT
OUTPUT
CONTROL
OSC
32.768kHz
CRYSTAL
GND
VDD
4
2
1
3
Block Diagram
Available on T&R - 1k or 3k pcs per reel.
Refer to our website for T&R and soldering details.
Enable / Disable Function
Note: Pad 3 should not be allowed to float.
Frequency:
32.7680kHz
Calibration tolerance:
±20ppm
B
(V
DD = 3.0V)
Other
specify
Turnover temperature (T
0):
+25°C ±5°C
Frequency / temp coefficient:
-0.035ppm/°C2 ±10%
Operating temperature range:
-40 to +85°C
-40 to +125°C
E
Storage temperature range:
-55 to +125°C
Supply voltage (V
DD):
Operable from 1.2 ~ 5.5V
Supply current (backup mode):
0.3μA typ, 0.5μA max
(V
DD = 3.0V, output disabled)
Logic levels:
‘
0’ level = 0.4V max
‘
1’ level = V
DD-0.4V min
Waveform symmetry:
40:60 max @ 50%V
DD
Driving ability:
15pF CMOS
Voltage coefficient:
±1.5ppm/V max
Rise / fall time:
70ns max
Start up time:
500ms max @ 25°C
Enable / disable function:
Control via pad 3
Ageing: ±3ppm max first year @ 25°C
Shock and vibration resistance:
±5ppm, 5,000g, 0.3ms, ½ sine
±5ppm, 20g, 10.0 ~ 2,000Hz
Soldering condition:
Reflow, 260°C, 20 sec max


Similar Part No. - OV7604C7/B

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
OV7604C7 GOLLEDGE-OV7604C7 Datasheet
51Kb / 1P
CMOS Oscillator Low Power
OV7604C7 GOLLEDGE-OV7604C7 Datasheet
569Kb / 5P
Low Power 32.768kHz SM Oscillator
OV7604C7 GOLLEDGE-OV7604C7_18 Datasheet
569Kb / 5P
Low Power 32.768kHz SM Oscillator
More results

Similar Description - OV7604C7/B

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
OV1564C2 GOLLEDGE-OV1564C2 Datasheet
59Kb / 1P
CMOS Oscillator Low Power
GXO-4301 GOLLEDGE-GXO-4301 Datasheet
90Kb / 2P
Low Power CMOS Oscillator
GXO-4301 GOLLEDGE-GXO-4301_08 Datasheet
85Kb / 2P
Low Power CMOS Oscillator
OV7604C7 GOLLEDGE-OV7604C7 Datasheet
51Kb / 1P
CMOS Oscillator Low Power
MCSO1EL GOLLEDGE-MCSO1EL Datasheet
138Kb / 1P
CMOS Oscillator Low Power
logo
Micrel Semiconductor
DSC1033 MICREL-DSC1033 Datasheet
819Kb / 7P
Low-Power CMOS Oscillator
DSC1030 MICREL-DSC1030 Datasheet
819Kb / 7P
Low-Power CMOS Oscillator
DSC1028 MICREL-DSC1028 Datasheet
819Kb / 7P
Low-Power CMOS Oscillator
DSC1025 MICREL-DSC1025 Datasheet
821Kb / 7P
Low-Power CMOS Oscillator
DSC1018 MICREL-DSC1018 Datasheet
819Kb / 7P
Low-Power CMOS Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com