Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV8564C2/B Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # RV8564C2/B
Description  Real Time Clock
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

RV8564C2/B Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  RV8564C2/B Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
Real Time Clock
RV8564C2
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
21 Nov 2012
Features
AEC Q200 Rev C compliant
Compliant with I2C-Bus interface (400kHz)
Drop in replacement for Epson RX8564CF
Programmable alarm, timer and interrupt
Low power consumption, low ageing
1.20
(max)
5.00
±0.20
3.20
±0.20
SOLDER PAD LAYOUT
TOP VIEW
2.20
0.60
1.00
0.90
0.40
1.00
15
6
10
PAD
1
2
3
4
5
CONNECTION
Supply (VDD)
Frequency output (CLKOUT)
Not connected
Serial clock input (SCL)
Serial data (SDA)
PAD
6
7
8
9
10
CONNECTION
Ground
Interrupt output (/INT)
Not connected
Not connected
FOUT output enable (CLKOE)
Option
Codes
RV8564C2
Product
Parameters
Product + option code
eg: RV8564C2/B ±20ppm
Option code X (eg RV8564C2/X) denotes a custom spec.
Ordering Information
Standard. Optional - Please specify required code(s) when ordering
Specifications
Available on T&R - 1k or 5k pcs per reel. See our website for details
Evaluation / development board & manual available on request
The I2C-Bus is a trademark of Philips Electronics NV
Block Diagram
Control 2
Seconds
Minutes
Hours
Days
Weekdays
Month / Century
Years
Minutes Alarm
Hour Alarm
Day Alarm
Weekday Alarm
CLKOUT Frequency
Timer Control
Timer
ADDRESS
REGISTER
Control 1
SCL
CLKOE
/ INT
CLKOUT
00
0F
VOLTAGE
DETECTOR
I2C BUS
INTERFACE
CONTROL
LOGIC
OUTPUT
CONTROL
DIVIDER
OSC
PDR
SDA
32.768kHz
CRYSTAL
This very small SMD ceramic package has been specially designed to
combine the 32.768kHz crystal unit with the CMOS based oscillator and
real-time clock circuit.
The calendar function tracks year, month, date and day of the week with
built-in century and leap-year flags. The clock function tracks minutes and
seconds in 24-hour format. Programmable alarm setting and universal
timer functions increase flexibility.
Manufactured by Micro Crystal
Stocked & supplied by Golledge
Description
Frequencies (selectable):
32.768kHz, 1024Hz, 32Hz & 1Hz
Frequency tolerance:
±10ppm
A
±20ppm
B
Other
specify
Turnover temperature (T
0):
+25°C ±5°C
Frequency / temp coefficient:
-0.035ppm/°C2 ±10%
Operating temperature range:
-40 to +85°C
-40 to +125°C
E
Storage temperature range:
-55 to +125°C
Supply voltage (V
DD):
I2C bus active 1.8 ~ 5.5V
Time-keeping mode 1.2 ~ 5.5V
Supply current (during access):
200μA max (fscl=100kHz)
800μA max (fscl=400kHz)
Supply current (time-keeping):
250/500nA typ/max (fscl=0Hz, V
DD=3V)
225/450nA typ/max (fscl=0Hz, V
DD=2V)
Ageing:
±3ppm max first year
Shock and vibration resistance:
±5ppm, 5,000g, 0.3ms, ½ sine
±5ppm, 20g, 10.0 ~ 2,000Hz
Soldering condition:
Reflow, 260°C, 20 sec max
2011/65/EU


Similar Part No. - RV8564C2/B

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
RV8564C2/B GOLLEDGE-RV8564C2/B Datasheet
62Kb / 1P
Real Time clock
More results

Similar Description - RV8564C2/B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
REAL-TIME CLOCK
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
Real Time Clock
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
Real Time clock
logo
List of Unclassifed Man...
TC8250P ETC-TC8250P Datasheet
412Kb / 20P
Real time clock
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
Real time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
Real Time Clock
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com