Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6122CU Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6122CU
Description  Evaluation Board Manual
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6122CU Datasheet(HTML) 6 Page - Sipex Corporation

  SP6122CU Datasheet HTML 1Page - Sipex Corporation SP6122CU Datasheet HTML 2Page - Sipex Corporation SP6122CU Datasheet HTML 3Page - Sipex Corporation SP6122CU Datasheet HTML 4Page - Sipex Corporation SP6122CU Datasheet HTML 5Page - Sipex Corporation SP6122CU Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Rev. 5/23/01
SP6122 Evaluation Board Manual
© Copyright 2001 Sipex Corporation
6
FIGURE 8: SP6122 EVALUATION BOARD SCHEMATIC
TABLE 2: SP6122EB LIST OF MATERIALS
ORDERING INFORMATION
Part Number
Package Type
SP6122UEB....................................................................................... SP6122 Evaluation Board
SP6122CU.................................................................................................................. 8-pin
µSOIC
Ref.
Qty.
Manuf.
Manuf.
Layout
Component
Vendor
Des.
Part Number
Size
Phone Number
PCB
1
Sipex
146-6427-00
1"X1.5"
SP6120 Eval PCB
978-667-7800
U1
1
Sipex
SP6122UEB
uSO-8
5A PFET Buck Ctrl
978-667-7800
Q1
1
Fairchild
FDS6375
SO-8
PFET
310-322-3331
DS
1
STMicroelectronics
STPS2L25U
SMB
2A Schottky 10A RMS
781-861-2650
L1
1
Coilcraft
DO3316P-222
12.9x9.4mm
2.2uH Coil 5A 0.012ohm
847-639-6400
CIN
1
TDK
C4532X5R0J476M
1812
47uF Ceramic SM 6.3V
847-803-6100
COUT
1
Sanyo
6TPB470M
7343H
470uF 6.3V 0.035ohm
978-922-6573
CI
1
TDK
C3216X5R1C475K
1206
4.7uF 10V SM X5R
847-803-6100
CEN
1
Panasonic
ECJ-1VB1H472K
0603
4700pF Ceramic X7R 50V
800-DIGI-KEY
R1
1
Panasonic
ERJ-8ENF5000V
1206
500 OHM Thick Film Res 1%
800-DIGI-KEY
R2
1
Panasonic
ERJ-8ENF1911V
1206
1.91K OHM Thick Film Res 1%
800-DIGI-KEY
RS
1
Panasonic
ERJ-8ENF1001V
1206
1.00K OHM Thick Film Res 1%
800-DIGI-KEY



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com