Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6132EB Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP6132EB
Description  Evaluation Board Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6132EB Datasheet(HTML) 9 Page - Sipex Corporation

  SP6132EB Datasheet HTML 1Page - Sipex Corporation SP6132EB Datasheet HTML 2Page - Sipex Corporation SP6132EB Datasheet HTML 3Page - Sipex Corporation SP6132EB Datasheet HTML 4Page - Sipex Corporation SP6132EB Datasheet HTML 5Page - Sipex Corporation SP6132EB Datasheet HTML 6Page - Sipex Corporation SP6132EB Datasheet HTML 7Page - Sipex Corporation SP6132EB Datasheet HTML 8Page - Sipex Corporation SP6132EB Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
Table 2: SP6132EB List of Materials
SP6132 Evaluation Board List of Materials
Line
Ref.
Qty.
Manuf.
Manuf.
Layout
Component
No.
Des.
Part Number
Size
1
PCB
1
Sipex
146-6521-01
1.75"X2.75"
SP6132 Eval PCB
2
U1
1
Sipex
SP6132EB
MSOP-10
2-15A Any-FET Buck Ctrl
3
U2
1
Sipex
SP5205M5-5.0
SOT-23-5
150mA LDO Voltage Reg
4
U3
1
National Semi
LM397MF
SOT-23-5
Voltage Comparator
5
QT, QB
2
Fairchild Semi
FDS6676S
SO-8
NFET
6
DS
1
STMicroelectronics
STPS2L25U
SMB
2A Schottky 10A RMS
7
DBST
1
ON-Semi
MBR0530
SOD-123
0.5A Schottky
8
L1
1
Easy Magnet
SC5018-2R7M
12.6X12.6mm
2.70uH Coil 12A 4.30mohm
9
C3, C4
2
TDK
C3225X5R0J476M
1210
47uF Ceramic X5R 6.3V
10
C1, C2
2
TDK
C3225X5R1C226M
1210
22uF Ceramic X5R 16V
11
CVCC
1
TDK
C2012X5R0J106M
0805
10uF Ceramic X5R 6.3V
12
C6, C8
2
TDK
C1608X5R1C103K
0603
0.01uF Ceramic X5R 16V
13
C5, CBST
2
TDK
C1608X5R1A105K
0603
1.0uF Ceramic X5R 10V
14
C7
1
TDK
C1608X7R1H104K
0603
0.1uF Ceramic X7R 50V
15
CSS
1
TDK
C1608X7R1H473K
0603
47,000pF Ceramic X7R 50V
16
CP1
1
TDK
C1608COG1H560J
0603
56pF Ceramic COG 50V
17
CZ2
1
TDK
C1608COG1H821J
0603
820pF Ceramic COG 50V
18
CF1
1
TDK
C1608COG1H101J
0603
100pF Ceramic COG 50V
19
CZ3
1
TDK
C1608COG1H221J
0603
220pF Ceramic COG 50V
20
R5
1
TDK
MMZ1608R601A
0603
High Frequency Bead Filter
21
RZ2
1
Panasonic
ERJ-3EKF4022V
0603
40.2K Ohm Thick Film Res 1%
22
R2
1
Panasonic
ERJ-3EKF2152V
0603
21.5K Ohm Thick Film Res 1%
23
RZ3
1
Panasonic
ERJ-3EKF4641V
0603
4.64K Ohm Thick Film Res 1%
24
R1
1
Panasonic
ERJ-3EKF6812V
0603
68.1K Ohm Thick Film Res 1%
25
R3
1
Panasonic
ERJ-3EKF2212V
0603
221K Ohm Thick Film Res 1%
26
R4, R6
2
Panasonic
ERJ-3EKF1003V
0603
100K Ohm Thick Film res 1%
27
R7, R8
2
Panasonic
ERJ-3EKF1502V
0603
15.0K Ohm Thick Film Res 1%
28
R9, R10
2
Panasonic
ERJ-3EKF1004V
0603
1.00M Ohm Thick Film Res 1%
29
RFL
1
Yageo America
9C06031A3R0JLHFT
0603
3.0 Ohm Thick Film Res 5%
30
J1
1
Sullins
PTC36SAAN
.32x.12
36-Pin (3x12) Header
31
(J1)
1
Sullins
STC02SYAN
.2x.1
Shunt
32
VIN, VOUT, VCC, GND, GND2, GND3
6
Vector Electronic
K24C/M
.042 Dia
Test Point Post
33
UVIN, SS
2
Mill-Max
3137-3002-10-0080
.042 Dia
Test Point Female Pin
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP6132EB...............................0
°C to +70°C...............……SP6132 Evaluation Board
SP6132CU..............................…. 0
°C to +70°C.................................…….10-pin MSOP



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com