Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS389-G Datasheet(PDF) 2 Page - Comchip Technology

Part # 1SS389-G
Description  Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1SS389-G Datasheet(HTML) 2 Page - Comchip Technology

  1SS389-G Datasheet HTML 1Page - Comchip Technology 1SS389-G Datasheet HTML 2Page - Comchip Technology 1SS389-G Datasheet HTML 3Page - Comchip Technology 1SS389-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND TYPICAL CHARACTERISTIC CURVES (1SS389-G)
Page 2
QW-BA023
REV:A
Fig.1 - Power Derating Curve
Ambient Temperature, (°C)
0
150
0
100
100
25
50
75
200
50
Forward Voltage, (V)
0.2
0
Fig.2 - Forward Characteristics
1
100
0.4
0.6
Reverse Voltage, (V)
Reverse Voltage, (V)
Fig.4 - Capacitance between terminals
20
0
40
10
30
10m
0.1
0
10
10
Small Signal Schottky Diodes
Company reserves the right to improve product design , functions and reliability without notice.
Fig.3 - Reverse Characteristics
30m
1
f = 1MHZ
TA = 25°C
Comchip Technology CO., LTD.
Mounted on a glass
20x20mm, pad
epoxy circuit board of
dimension 4x4mm
1000.0
100.0
1.0
10.0
0.1
8
4
0
2
6
10
TA=25°C
TA=100°C
TA=75°C
TA=50°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com