Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS283 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74LS283
Description  4-Bit Binary Adders with Fast Carry
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LS283 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74LS283 Datasheet HTML 1Page - National Semiconductor (TI) 74LS283 Datasheet HTML 2Page - National Semiconductor (TI) 74LS283 Datasheet HTML 3Page - National Semiconductor (TI) 74LS283 Datasheet HTML 4Page - National Semiconductor (TI) 74LS283 Datasheet HTML 5Page - National Semiconductor (TI) 74LS283 Datasheet HTML 6Page - National Semiconductor (TI) 74LS283 Datasheet HTML 7Page - National Semiconductor (TI) 74LS283 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF6421
June 1989
54LS283DM54LS283DM74LS283
4-Bit Binary Adders with Fast Carry
General Description
These full adders perform the addition of two 4-bit binary
numbers The sum (R) outputs are provided for each bit and
the resultant carry (C4) is obtained from the fourth bit
These adders feature full internal look ahead across all four
bits This provides the system designer with partial look-
ahead performance at the economy and reduced package
count of a ripple-carry implementation
The adder logic including the carry is implemented in its
true form meaning that the end-around carry can be accom-
plished without the need for logic or level inversion
Features
Y
Full-carry look-ahead across the four bits
Y
Systems achieve partial look-ahead performance with
the economy of ripple carry
Y
Typical add times
Two 8-bit words 25 ns
Two 16-bit words 45 ns
Y
Typical power dissipation per 4-bit adder 95 mW
Y
Alternate MilitaryAerospace device (54LS283) is avail-
able Contact a National Semiconductor Sales Office
Distributor for specifications
Connection Diagram
Dual-In-Line Package
TLF6421 – 1
Order Number 54LS283DMQB 54LS283FMQB 54LS283LMQB
DM54LS283J DM54LS283W DM74LS283M or DM74LS283N
See NS Package Number E20A J16A M16A N16E or W16A
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 74LS283

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74LS283 ETC1-74LS283 Datasheet
117Kb / 4P
4-Bit Full Adder With Fast Carry Product Specitication
December 4, 1985
74LS283N ETC1-74LS283N Datasheet
117Kb / 4P
4-Bit Full Adder With Fast Carry Product Specitication
December 4, 1985
More results

Similar Description - 74LS283

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F283 TI-SN54F283 Datasheet
81Kb / 5P
4-BIT BINARY FULL ADDERS WITH FAST CARRY
logo
Hitachi Semiconductor
HD74LS83A HITACHI-HD74LS83A Datasheet
82Kb / 7P
4-Bit Binary Full Adders(with Fast Carry)
logo
Texas Instruments
SN54HC283 TI-SN54HC283 Datasheet
119Kb / 6P
4 BIT BINARY FULL ADDERS WITH FAST CARRY
SN74S283 TI-SN74S283 Datasheet
317Kb / 8P
4 BIT BINARY FULL ADDERS WITH FAST CARRY
logo
National Semiconductor ...
54LS83A NSC-54LS83A Datasheet
108Kb / 4P
4-BIT BINARY ADDERS WITH FAST CARRY
logo
Texas Instruments
SN54F283 TI-SN54F283_07 Datasheet
532Kb / 13P
4-BIT BINARY FULL ADDERS WITH FAST CARRY
logo
Fairchild Semiconductor
DM74LS283 FAIRCHILD-DM74LS283_98 Datasheet
201Kb / 8P
4-Bit Binary Adders with Fast Carry
logo
Texas Instruments
SN54F283 TI-SN54F283_08 Datasheet
785Kb / 16P
4-BIT BINARY FULL ADDERS WITH FAST CARRY
SN54283 TI-SN54283_08 Datasheet
490Kb / 10P
4-BIT BINARY FULL ADDERS WITH FAST CARRY
SN54HC283 TI1-SN54HC283_08 Datasheet
147Kb / 7P
4 BIT BINARY FULL ADDERS WITH FAST CARRY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com