Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3356-G Datasheet(PDF) 2 Page - Comchip Technology

Part # 2SC3356-G
Description  General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

2SC3356-G Datasheet(HTML) 2 Page - Comchip Technology

  2SC3356-G Datasheet HTML 1Page - Comchip Technology 2SC3356-G Datasheet HTML 2Page - Comchip Technology 2SC3356-G Datasheet HTML 3Page - Comchip Technology 2SC3356-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (2S
)
C3356-G
0.5
1
2
0.3
0
10
15
0.2
0.5
Collector Current, Ic (mA)
1
Fig.6 - Insertion Gain, Max. Gain Vs. Frequency
Fig.4 - Insertion Gain Vs. Collector Current
, f (GHz)
Frequency
10
10
70
30
1
0
25
0.1
0.5
1
2
15
0
25
50
75
100
125
150
0
50
100
250
150
200
0.1
1
10
Collector Current, Ic (mA)
0.1
10
100
Collector To Base Voltage, VCB (V)
Ambient Temperature, TA (°C)
Fig.1 - Total Power Dissipation Vs.
Ambient Temperature
Fig.3 - Dc Current Gain Vs. Collector Current
Fig.5 - Gain Bandwidth Product Vs.
Collector Current
Fig.2 - Feed-back Capacitance Vs.
Collector To Base Voltage
Collector Current
(mA)
, Ic
0.5
10
50
10
200
1
50
100
VCE=10V
1
VCE=10V
f = 1MHz
5
5
VCE=10V
f = 1GHz
0.05
20
10
5
Gmax
|S21e|
2
Page 2
REV: A
QW-BTR48
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
General Purpose Transistor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com