Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3356S-G Datasheet(PDF) 1 Page - Comchip Technology

Part # 2SC3356S-G
Description  General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

2SC3356S-G Datasheet(HTML) 1 Page - Comchip Technology

  2SC3356S-G Datasheet HTML 1Page - Comchip Technology 2SC3356S-G Datasheet HTML 2Page - Comchip Technology 2SC3356S-G Datasheet HTML 3Page - Comchip Technology 2SC3356S-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC3356-G Series
RoHS Device
Page 1
REV: A
Features
- Low noise and high gain.
- High power gain.
1
Base
2
Emitter
Collector
3
QW-BTR48
Part No.
Range
50-100
80-160
2SC3356R-G
Marking
R23
R24
Company reserves the right to improve product design , functions and reliability without notice.
1 : BASE
2 : EMITTER
3 : COLLECTOR
Maximum Ratings (at TA=25°C unless otherwise noted)
VCEO
Emitter-Base voltage
Collector-Emitter voltage
Collector-Base voltage
Collector current - continuous
Symbol
Parameter
Value
Unit
V
V
V
3
12
20
IC
100
mA
200
mW
PC
Collector dissipation
VCBO
VEBO
°C
TJ
Junction temperature
150
°C
Storage temperature
-65~+150
Symbol
Parameter
Conditions
Min
Max
Unit
Electrical Characteristics (at TA=25°C unless otherwise noted)
Collector-Base breakdown voltage
1
IC =10μA , IE=0
Collector-Emitter breakdown voltage
Emitter-Base breakdown voltage
Collector cut-off current
Emitter cut-off current
DC current gain
Insertion power gain
Transition frequency
Noise Figure
IC =1mA , IB=0
IE =10μA , IC=0
VCB=10V , IE=0
VEB=1V , IC=0
VCE=10V , IC=20mA
VCE=10V , IC=20mA , f=1GHZ
VCE=10V , IC=20mA
VCB=10V ,
,
IC=7mA f=1GHZ
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
IEBO
hFE
|S21e|
fT
NF
12
20
3
1
300
50
11.5
1.1
V
V
V
µA
µA
dB
GHZ
dB
Feed-back capacitance
VCB=10V , IE=0 , f=1MHZ
Cre
1.0
P
F
Typ
7
- Designed for low noise amplifier.
Circuit Diagram
Dimensions in inches and (millimeter)
1
2
3
General Purpose Transistor
Tstg
120
0.55
2.0
2
Classification Of hFE
2SC3356Q-G
125-250
2SC3356S-G
R25
SOT-23
0.122(3.10)
0.106(2.70)
0.059(1.50)
0.043(1.10)
0.079(2.00)
0.071(1.80)
0.039(1.00)
Typ.
0.016(0.40)
Typ.
0.004(0.10)
Typ.
0.102(2.60)
0.087(2.20)
0.004(0.10)
0.014(0.35)
0.019(0.48)
0.001(0.02)
Comchip Technology CO., LTD.


Similar Part No. - 2SC3356S-G

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
2SC3356S SKTECHNOLGY-2SC3356S Datasheet
1Mb / 4P
NPN Silicon RF Transistor
2SC3356SB SKTECHNOLGY-2SC3356SB Datasheet
1Mb / 4P
NPN Silicon RF Transistor
2SC3356SC SKTECHNOLGY-2SC3356SC Datasheet
1Mb / 4P
NPN Silicon RF Transistor
2SC3356SD SKTECHNOLGY-2SC3356SD Datasheet
1Mb / 4P
NPN Silicon RF Transistor
More results

Similar Description - 2SC3356S-G

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com